Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-E Datasheet(PDF) 4 Page - Cree, Inc

Part # XP-E
Description  Cree® XLamp® XP-E LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-E Datasheet(HTML) 4 Page - Cree, Inc

  XP-E Datasheet HTML 1Page - Cree, Inc XP-E Datasheet HTML 2Page - Cree, Inc XP-E Datasheet HTML 3Page - Cree, Inc XP-E Datasheet HTML 4Page - Cree, Inc XP-E Datasheet HTML 5Page - Cree, Inc XP-E Datasheet HTML 6Page - Cree, Inc XP-E Datasheet HTML 7Page - Cree, Inc XP-E Datasheet HTML 8Page - Cree, Inc XP-E Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Copyright © 2008-2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
4
XLAMP XP-E LEDS
FLUX CHARACTERISTICS (T
J = 25°C) - COLOR (CONTINUED)
Color
Dominant Wavelength Range
Base Order Codes
Min Luminous
Flux (lm) @ 350
mA
Order Code
Min.
Max.
Group
DWL
(nm)
Group
DWL
(nm)
Group
Flux
(lm)
Red-
Orange
O3
610
O4
620
N3
56.8
XPERDO-L1-0000-00501
N4
62.0
XPERDO-L1-0000-00601
P2
67.2
XPERDO-L1-0000-00701
P3
73.9
XPERDO-L1-0000-00801
Color
Dominant Wavelength Range
Base Order Codes
Min Luminous
Flux (lm) @ 350
mA
Order Code
Min.
Max.
Group
DWL
(nm)
Group
DWL
(nm)
Group
Flux
(lm)
Red
R2
620
R3
630
M2
39.8
XPERED-L1-0000-00201
M3
45.7
XPERED-L1-0000-00301
N2
51.7
XPERED-L1-0000-00401
N3
56.8
XPERED-L1-0000-00501
Note: Cree maintains a tolerance of +/- 7% on flux and power measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com