Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 3Page - ATMEL Corporation AT89LP51 Datasheet HTML 4Page - ATMEL Corporation AT89LP51 Datasheet HTML 5Page - ATMEL Corporation AT89LP51 Datasheet HTML 6Page - ATMEL Corporation AT89LP51 Datasheet HTML 7Page - ATMEL Corporation AT89LP51 Datasheet HTML 8Page - ATMEL Corporation AT89LP51 Datasheet HTML 9Page - ATMEL Corporation AT89LP51 Datasheet HTML 10Page - ATMEL Corporation AT89LP51 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 113 page
background image
7
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
2.1
Block Diagram
Figure 2-1.
AT89LP51/52 Block Diagram
2.2
System Configuration
The AT89LP51/52 supports several system configuration options. Nonvolatile options are set
through user fuses that must be programmed through the flash programming interface. Volatile
options are controlled by software through individual bits of special function registers (SFRs).
The AT89LP51/52 must be properly configured before correct operation can occur.
2.2.1
Fuse Options
Table 2-1 lists the fusable options for the AT89LP51/52. These options maintain their state even
when the device is powered off, but can only be changed with an external device programmer.
For more information, see Section 17.7 “User Configuration Fuses” on page 86.
4K/8K Bytes
Flash Code
UART
16-bit Timer 0
16-bit Timer 1
Watchdog
Timer
Configurable
Oscillator
Crystal or
Resonator
256 Bytes
Flash Data
16-bit Timer 2
256 Bytes
RAM
XRAM
Interface
8051 Single Cycle CPU
with 12-cycle Compatibility
POR
BOD
Port 0
Configurable I/O
Port 1
Configurable I/O
Port 2
Configurable I/O
Port 3
Configurable I/O
Port 4
Configurable I/O
RC Auxiliary
Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com