Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 36Page - ATMEL Corporation AT89LP51 Datasheet HTML 37Page - ATMEL Corporation AT89LP51 Datasheet HTML 38Page - ATMEL Corporation AT89LP51 Datasheet HTML 39Page - ATMEL Corporation AT89LP51 Datasheet HTML 40Page - ATMEL Corporation AT89LP51 Datasheet HTML 41Page - ATMEL Corporation AT89LP51 Datasheet HTML 42Page - ATMEL Corporation AT89LP51 Datasheet HTML 43Page - ATMEL Corporation AT89LP51 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 113 page
background image
40
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
Table 9-2.
IE – Interrupt Enable Register
IE = A8H
Reset Value = 0000 0000B
Bit Addressable
EA
–
ET2
ES
ET1
EX1
ET0
EX0
Bit
7
6
543
21
0
Symbol
Function
EA
Global enable/disable. All interrupts are disabled when EA = 0. When EA = 1, each interrupt source is enabled/disabled by setting
/clearing its own enable bit.
ET2
Timer 2 Interrupt Enable
ESSerial Port Interrupt Enable
ET1
Timer 1 Interrupt Enable
EX1
External Interrupt 1 Enable
ET0
Timer 0 Interrupt Enable
EX0
External Interrupt 0 Enable
Table 9-3.
IP – Interrupt Priority Register
IP = B8H
Reset Value = 0000 0000B
Bit Addressable
––
PT2
PS
PT1
PX1
PT0
PX0
Bit
7
6
543
21
0
Symbol
Function
PT2
Timer 2 Interrupt Priority Low
PSSerial Port Interrupt Priority Low
PT1
Timer 1 Interrupt Priority Low
PX1
External Interrupt 1 Priority Low
PT0
Timer 0 Interrupt Priority Low
PX0
External Interrupt 0 Priority Low
Table 9-4.
IPH – Interrupt Priority High Register
IPH = B7H
Reset Value = 0000 0000B
Not Bit Addressable
––
PT2H
PSH
PT1H
PX1H
PT0H
PX0H
Bit
7
6
543
21
0
Symbol
Function
PT2H
Timer 2 Interrupt Priority High
PSH
Serial Port Interrupt Priority High
PT1H
Timer 1 Interrupt Priority High
PX1H
External Interrupt 1 Priority High
PT0H
Timer 0 Interrupt Priority High
PX0H
External Interrupt 0 Priority High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com