Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 2Page - ATMEL Corporation AT89LP51 Datasheet HTML 3Page - ATMEL Corporation AT89LP51 Datasheet HTML 4Page - ATMEL Corporation AT89LP51 Datasheet HTML 5Page - ATMEL Corporation AT89LP51 Datasheet HTML 6Page - ATMEL Corporation AT89LP51 Datasheet HTML 7Page - ATMEL Corporation AT89LP51 Datasheet HTML 8Page - ATMEL Corporation AT89LP51 Datasheet HTML 9Page - ATMEL Corporation AT89LP51 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 113 page
background image
6
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
2.
Overview
The AT89LP51/52 is a low-power, high-performance CMOS 8-bit microcontroller with 4K/8K
bytes of In-System Programmable Flash program memory and 256 bytes of Flash data memory.
The device is manufactured using Atmel's high-density nonvolatile memory technology and is
compatible with the industry-standard 80C52 instruction set.
The AT89LP51/52 is built around an enhanced CPU core that can fetch a single byte from mem-
ory every clock cycle. In the classic 8051 architecture, each fetch requires 6 clock cycles, forcing
instructions to execute in 12, 24 or 48 clock cycles. In the AT89LP51/52 CPU, instructions need
only 1 to 4 clock cycles providing 6 to 12 times more throughput than the standard 8051. Sev-
enty percent of instructions need only as many clock cycles as they have bytes to execute, and
most of the remaining instructions require only one additional clock. The enhanced CPU core is
capable of 20 MIPS throughput whereas the classic 8051 CPU can deliver only 4 MIPS at the
same current consumption. Conversely, at the same throughput as the classic 8051, the new
CPU core runs at a much lower speed and thereby greatly reducing power consumption and
EMI. The AT89LP51/52 also includes a compatibility mode that will enable classic 12 clock per
machine cycle operation for true timing compatibility with AT89S51/52.
The AT89LP51/52 provides the following standard features: 4K/8K bytes of In-System
Programmable Flash program memory, 256 bytes of Flash data memory, 256 bytes of RAM, up
to 36 I/O lines, three 16-bit timer/counters, a programmable watchdog timer, a full-duplex serial
port, an on-chip crystal oscillator, an internal 1.8432 MHz auxiliary oscillator, and a four-level,
six-vector interrupt system. A block diagram is shown in Figure 2-1.
All three timer/counters of the AT89LP51/52, Timer 0, Timer 1 and Timer 2, can be configured to
toggle a port pin on overflow for clock/waveform generation. Unlike AT89S51, Timer 2 is also
present on AT89LP51.
The enhanced full-duplex UART of the AT89LP51/52 includes Framing Error Detection and
Automatic Address Recognition. In addition, enhancements to Mode 0 allow hardware acceler-
ated emulation of a Serial Peripheral Interface (SPI) or a Two-Wire Interface (TWI).
The Watchdog Timer of the AT89LP51/52 includes a 7-bit prescaler, a software reset command
and an overflow flag. The watchdog can be configured to output a reset pulse on the external
Reset pin.
Each 8-bit I/O port of the AT89LP51/52 can be independently configured in one of four operating
modes. In quasi-bidirectional mode, the port operates as in the classic 8051. In input-only mode,
the port is tristated. Push-pull output mode provides full CMOS drivers and open-drain mode
provides just a pull-down. Unlike other 8051s, this allows Port 0 to operate with on-chip pull-ups
if desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com