Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 25Page - ATMEL Corporation AT89LP51 Datasheet HTML 26Page - ATMEL Corporation AT89LP51 Datasheet HTML 27Page - ATMEL Corporation AT89LP51 Datasheet HTML 28Page - ATMEL Corporation AT89LP51 Datasheet HTML 29Page - ATMEL Corporation AT89LP51 Datasheet HTML 30Page - ATMEL Corporation AT89LP51 Datasheet HTML 31Page - ATMEL Corporation AT89LP51 Datasheet HTML 32Page - ATMEL Corporation AT89LP51 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 113 page
background image
29
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
6.
System Clock
The system clock is generated directly from one of three selectable clock sources. The three
sources are the on-chip crystal oscillator, external clock source, and internal RC oscillator. A dia-
gram of the clock subsystem is shown in Figure 6-1. The on-chip crystal oscillator may also be
configured for low or high power operation. The clock source is selected by the Clock Source
User Fuses as shown in Table 6-1. See “User Configuration Fuses” on page 86. By default, in
Fast mode no internal clock division is used to generate the CPU clock from the system clock. In
Compatibility mode the default is to divide the oscillator output by two. The system clock divider
may be used to prescale the system clock with other values. The choice of clock source also
affects the start-up time after a POR, BOD or Power-down event (See “Reset” on page 32 or
“Power-down Mode” on page 35)
Figure 6-1.
Clock Subsystem Diagram
6.1
Crystal Oscillator
When enabled, the internal inverting oscillator amplifier is connected between XTAL1 and
XTAL2 for connection to an external quartz crystal or ceramic resonator. The oscillator may
operate in either high-power or low-power mode. Low-speed mode is intended for crystals of 12
MHz or less and consumes less power than the higher speed mode. The configuration as shown
in Figure 6-2 applies for both high and low power oscillators. Note that in some cases, external
capacitors C1 and C2 may NOT be required due to the on-chip capacitance of the XTAL1 and
XTAL2 inputs (approximately 10 pF each). When using the crystal oscillator, P4.6 and P4.7 will
have their inputs and outputs disabled. Also, XTAL2 in crystal oscillator mode should not be
used to directly drive a board-level clock without a buffer.
Table 6-1.
Clock Source Settings
Clock Source
Fuse 1
Clock Source
Fuse 0
Selected Clock Source
1
1
High Power Crystal Oscillator (f > 12 MHz)
1
0
Low Power Crystal Oscillator (f
≤12 MHz)
01
External Clock on XTAL1
0
0
Internal 1.8432 MHz Auxiliary Oscillator
XTAL1
XTAL2
SYSTEM CLOCK
(CLKSYS)
INTERNAL
1.8432MHz
OSC
0
1
2
3
5-BIT
CLOCK
DIVIDER
CLKIRC
CLKEXT
CLKXTAL
0
12345
CDV2-0
CLOCK FUSES
4-BIT
PRESCALER
TPS3-0
Timer 0
Timer 1
Timer 2
Watchdog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com