Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 98 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 98 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 94Page - ATMEL Corporation AT89LP51 Datasheet HTML 95Page - ATMEL Corporation AT89LP51 Datasheet HTML 96Page - ATMEL Corporation AT89LP51 Datasheet HTML 97Page - ATMEL Corporation AT89LP51 Datasheet HTML 98Page - ATMEL Corporation AT89LP51 Datasheet HTML 99Page - ATMEL Corporation AT89LP51 Datasheet HTML 100Page - ATMEL Corporation AT89LP51 Datasheet HTML 101Page - ATMEL Corporation AT89LP51 Datasheet HTML 102Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 113 page
background image
98
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
18.6
External Memory Characteristics
The values shown in this table are valid for T
A = -40°C to 85°C and VDD = 2.4 to 5.5V, unless otherwise noted. Under oper-
ating conditions, load capacitance for Port 0, ALE and PSEN = 100 pF; load capacitance for all other outputs = 80 pF.
Parameters refer to Figure 18-6, Figure 18-7 and Figure 18-8.
Notes:1. Compatibility Mode timing for MOVX also applies to Fast Mode during exeternal execution of MOVX.
2. This assumes 50% clock duty cycle. The half period depends on the clock high value t
CHCX (high duty cycle).
3. This assumes 50% clock duty cycle. The half period depends on the clock low value tCLCX (low duty cycle).
4. In some cases parameter tLHLL may have a minimum of 0.5tCLCL during Fast mode external execution with DISALE = 0.
5. The strobe pulse width may be lengthened by 1, 2 or 3 additional t
CLCL using wait states.
Table 18-4.
External Program and Data Memory Characteristics
Symbol
Parameter
Compatibility Mode(1)
Fast Mode(1)
Units
Min
Max
Min
Max
1/t
CLCL
Oscillator Frequency
0
24024
MHz
t
LHLL
ALE Pulse Width
t
CLCL - d
t
CLCL - d
(4)
ns
t
AVLL
Address Valid to ALE Low
0.5t
CLCL - d
(2)
0.5t
CLCL - d
(2)
ns
t
LLAX
Address Hold after ALE Low
0.5t
CLCL - d
(3)
0.5t
CLCL - d
(3)
ns
t
LLIV
ALE Low to Valid Instruction In
2t
CLCL - d
2t
CLCL - d
ns
t
LLPL
ALE Low to PSEN Low
0.5t
CLCL - d
(2)
0.5t
CLCL - d
(2)
ns
t
PLPH
PSEN Pulse WIdth
1.5t
CLCL - d
(2)
1.5t
CLCL - d
(2)
ns
t
PLIV
PSEN Low to Valid Instruction In
1.5t
CLCL - d
(2)
1.5t
CLCL - d
(2)
ns
t
PXIX
Input Instruction Hold after PSEN
00
ns
t
PXIZ
Input Instruction Float after PSEN
0.5t
CLCL - d
(2)
0.5t
CLCL - d
(2)
ns
t
PXAV
PSEN to Address Valid
0.5t
CLCL - d
(2)
0.5t
CLCL - d
(2)
ns
t
AVIV
Address to Valid Instruction In
2.5t
CLCL - d
(2)
2.5t
CLCL - d
(2)
ns
t
PLAZ
PSEN Low to Address Float10
10
ns
t
RLRH
RD Pulse Width
(5)
3t
CLCL - d
t
CLCL - d
ns
t
WLWH
WR Pulse Width(5)
3t
CLCL - d
t
CLCL - d
ns
t
RLDV
RD Low to Valid Data In
2.5t
CLCL - d
t
CLCL - d
ns
t
RHDX
Data Hold after RD
00
ns
t
RHDZ
Data Float after RD
t
CLCL - d
t
CLCL - d
ns
t
LLDV
ALE Low to Valid Data In
4t
CLCL - d
2t
CLCL - d
ns
t
AVDV
Address to Valid Data In
4.5t
CLCL - d
(2)
2.5t
CLCL - d
(2)
ns
t
LLWL
ALE Low to RD or WR Low
1.5t
CLCL - d
1.5t
CLCL + d
t
CLCL - d
t
CLCL + d
ns
t
AVWL
Address to RD or WR Low
2t
CLCL - d
(2)
1.5t
CLCL - d
(2)
ns
t
QVWX
Data Valid to WR Transition
1t
CLCL - d
(2)
0.5t
CLCL - d
(2)
ns
t
QVWH
Data Valid to WR High
4t
CLCL - d
(2)
1.5t
CLCL - d
(2)
ns
t
WHQX
Data Hold after WR
1t
CLCL - d
(3)
0.5t
CLCL - d
(3)
ns
t
RLAZ
RD Low to Address Float-1t
CLCL + d
(2)
-0.5t
CLCL + d
(2)
ns
t
WHAX
Address Hold after RD or WR High
1t
CLCL - d
(3)
0.5t
CLCL - d
(3)
ns
t
WHLH
RD or WR High to ALE High
0.5t
CLCL - d
0.5t
CLCL + d
t
CLCL - d
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com