Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 11Page - ATMEL Corporation AT89LP51 Datasheet HTML 12Page - ATMEL Corporation AT89LP51 Datasheet HTML 13Page - ATMEL Corporation AT89LP51 Datasheet HTML 14Page - ATMEL Corporation AT89LP51 Datasheet HTML 15Page - ATMEL Corporation AT89LP51 Datasheet HTML 16Page - ATMEL Corporation AT89LP51 Datasheet HTML 17Page - ATMEL Corporation AT89LP51 Datasheet HTML 18Page - ATMEL Corporation AT89LP51 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 113 page
background image
15
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
address space as shown in Figure 3-6. These memory spaces may require configuration before
the CPU can access them. The AT89LP51/52 includes 256 bytes of nonvolatile Flash data
memory (FDATA).
3.3.1
XDATA
The external data memory space can accommodate up to 64KB of external memory. The
AT89LP51/52 uses the standard 8051 external data memory interface with the upper address
byte on Port 2, the lower address byte and data in/out multiplexed on Port 0, and the ALE, RD
and WR strobes. XDATA can be accessed with both 16-bit (MOVX @DPTR) and 8-bit (MOVX
@Ri) addresses. See Section 3.3.3 on page 18 for more details of the external memory
interface.
Some internal data memory spaces are mapped into portions of the XDATA address space. In
this case the lower address ranges will access internal resources instead of external memory.
Addresses above the range implemented internally will default to XDATA. The AT89LP51/52
supports up to 63.75K or 56K bytes of external memory when using the internally mapped mem-
ories. Setting the EXRAM bit (AUXR.1) to one will force all MOVX instructions to access the
entire 64KB XDATA regardless of their address (See “AUXR – Auxiliary Control Register” on
page 20).
Figure 3-6.
External Data Memory Map
3.3.2
FDATA
The Flash Data Memory is a portion of the external memory space implemented as an internal
nonvolatile data memory. Flash Data Memory is enabled by setting the DMEN bit (MEMCON.3)
to one. When IAP = 0 and DMEN = 1, the Flash Data Memory is mapped into the FDATA space,
at the bottom of the external memory address space, from 0000H to 00FFH. (See Figure 3-6).
MOVX instructions to this address range will access the internal nonvolatile memory. FDATA is
Flash Data
(FDATA: 256)
00FF
1FFF
2000
Flash Program
(CODE: 8KB)
0000
0100
FFFF
External Data
(XDATA: 64KB)
External Data
(XDATA: 63.75KB)
External Data
(XDATA: 56KB)
FFFF
FFFF
EXRAM = 1 or
DMEN = 0
IAP = 0
EXRAM = 0
DMEN = 1
IAP = 0
EXRAM = 0
DMEN = x
IAP = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com