Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS013B4DN01 Datasheet(PDF) 18 Page - Sharp Corporation

Part # LS013B4DN01
Description  LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN01 Datasheet(HTML) 18 Page - Sharp Corporation

Back Button LS013B4DN01 Datasheet HTML 14Page - Sharp Corporation LS013B4DN01 Datasheet HTML 15Page - Sharp Corporation LS013B4DN01 Datasheet HTML 16Page - Sharp Corporation LS013B4DN01 Datasheet HTML 17Page - Sharp Corporation LS013B4DN01 Datasheet HTML 18Page - Sharp Corporation LS013B4DN01 Datasheet HTML 19Page - Sharp Corporation LS013B4DN01 Datasheet HTML 20Page - Sharp Corporation LS013B4DN01 Datasheet HTML 21Page - Sharp Corporation LS013B4DN01 Datasheet HTML 22Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
SPEC No.
LCY-12T09302A
MODEL No.
LS013B4DN01
PAGE
16
6-5-5 COM Inversion
There are two signals, one is COM signal with serial Input(EXTMODE=”L”)
and other is external COM signal input (EXTMODE=”H”).
SCS
SI
COM
・
M1:LC polarity inversion flag: If M1is "H" then VCOM="H" is output. If M1 is "L" then VCOM="L" is output.
※
1:LC inversion has been changed by M1 flag statement.
※
2:The periods of plus polarity and minus polarity should be same length as much as possible.
SCS
EXTCOMIN
COMZ
COM
※
1:LC inversion polarity has been set by the rising timing of EXTCOMIN in internal circuit block as COMZ signal,
and when SCS become falling timing, LC inversion has been activated as COM signal.
※
2:The period of EXTCOMIN should be constant.
<EXTMODE="L"><EXTMODE="H">
※Qn-1:COM has been changed polarity when SCS meet falling edge.
COM
HH
Qn-1
Qn-1
LL
H
COMZ
HH
反転前
反転後
LL
L
H
HL
L
H
H
EXTCOMIN
L
反転前
反転後
COM
EXTCOMIN
M2
M1
M2
M0
M1
COMZ
SCS="L" SCS="H"
M0
M1
M2
H
M0
L
反転前
L
反転後
fCOM
※2
※2
※1
※1
※1
EXTMODE="L"
fCOM
※2
※2
※1
EXTMODE="H"
Truth table of COM
※1
※1
fEXTCOMIN
Depend on
status of M1
twEXTCOMIN
In rising timing of EXTMODE,
internal signal "COMZ" is inverted.
(COMZ status has been fixed by signal SCS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com