Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS013B4DN01 Datasheet(PDF) 23 Page - Sharp Corporation

Part # LS013B4DN01
Description  LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN01 Datasheet(HTML) 23 Page - Sharp Corporation

Back Button LS013B4DN01 Datasheet HTML 19Page - Sharp Corporation LS013B4DN01 Datasheet HTML 20Page - Sharp Corporation LS013B4DN01 Datasheet HTML 21Page - Sharp Corporation LS013B4DN01 Datasheet HTML 22Page - Sharp Corporation LS013B4DN01 Datasheet HTML 23Page - Sharp Corporation LS013B4DN01 Datasheet HTML 24Page - Sharp Corporation LS013B4DN01 Datasheet HTML 25Page - Sharp Corporation LS013B4DN01 Datasheet HTML 26Page - Sharp Corporation LS013B4DN01 Datasheet HTML 27Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
SPEC No.
LCY-12T09302A
MODEL No.
LS013B4DN01
PAGE
21
9. External capacitor
Fig.9-1 External capacitor recommendation capacity value
<
Recommended capacity value>
C1:DISP- VSS: rank B
0.1uF Ceramic capacitor
C2:VDDA- VSS: rank B 1uF Ceramic capacitor
C3:VDD- VSS: rank B
1uF Ceramic capacitor
[Remark] The recommedation capacity of an external capacitor is shown. Finally, determine a capacity value
after performing evaluation sufficient by your system. (More bigger capacity value is selectable.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com