Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS013B4DN01 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LS013B4DN01
Description  LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN01 Datasheet(HTML) 5 Page - Sharp Corporation

  LS013B4DN01 Datasheet HTML 1Page - Sharp Corporation LS013B4DN01 Datasheet HTML 2Page - Sharp Corporation LS013B4DN01 Datasheet HTML 3Page - Sharp Corporation LS013B4DN01 Datasheet HTML 4Page - Sharp Corporation LS013B4DN01 Datasheet HTML 5Page - Sharp Corporation LS013B4DN01 Datasheet HTML 6Page - Sharp Corporation LS013B4DN01 Datasheet HTML 7Page - Sharp Corporation LS013B4DN01 Datasheet HTML 8Page - Sharp Corporation LS013B4DN01 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SPEC No.
LCY-12T09302A
MODEL No.
LS013B4DN01
PAGE
3
[For operating LCD module]
(1) Do not operate the LCD panel under outside of electrical specification. Otherwise LCD panel may be damaged.
(2) Do not operate the LCD panel under outside of specified driving timing chart. Otherwise LCD panel may not have proper
picture quality.
(3) A still image should be displayed less than two hours, if it is necessary to display still image longer than two hour, display
image data must be refreshed in order to avoid sticking image on LCD panel.
[Precautions for Storage]
(1) Do not expose the LCD module to direct sunlight or strong ultraviolet light for long periods. Store in a dark place.
(2) The liquid crystal material will solidify if stored below the rated storage temperature and will become an isotropic liquid if
stored above the rated storage temperature, and may not retain its original properties. Only store the module at normal
temperature and humidity (25±5°C,60±10%RH) in order to avoid exposing the UV protection film to chronic humidity.
(3) Keeping Method
a. Don't keeping under the direct sunlight.
b. Keeping in the tray under the dark place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com