Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS013B4DN01 Datasheet(PDF) 21 Page - Sharp Corporation

Part # LS013B4DN01
Description  LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN01 Datasheet(HTML) 21 Page - Sharp Corporation

Back Button LS013B4DN01 Datasheet HTML 17Page - Sharp Corporation LS013B4DN01 Datasheet HTML 18Page - Sharp Corporation LS013B4DN01 Datasheet HTML 19Page - Sharp Corporation LS013B4DN01 Datasheet HTML 20Page - Sharp Corporation LS013B4DN01 Datasheet HTML 21Page - Sharp Corporation LS013B4DN01 Datasheet HTML 22Page - Sharp Corporation LS013B4DN01 Datasheet HTML 23Page - Sharp Corporation LS013B4DN01 Datasheet HTML 24Page - Sharp Corporation LS013B4DN01 Datasheet HTML 25Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
SPEC No.
LCY-12T09302A
MODEL No.
LS013B4DN01
PAGE
19
[Remark7-1] Defintion of Viewint Angle
[Remark7-2] Defintion of Contrast Retio
Contrast ratio(CR) =
[Remark7-4] Respons time (Change in reflection ratio)
It’s difined by the time change of optical receiver output when signal is input to display white or black
Reflection intensity in white display
Reflection intensity in black display
100%
90%
τd
Time
τr
10%
0%
White
Black
White
6 o’clock
Normal
Δθ
21
Δθ
22
Δθ
12
Δθ
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com