Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS013B4DN01 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LS013B4DN01
Description  LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN01 Datasheet(HTML) 4 Page - Sharp Corporation

  LS013B4DN01 Datasheet HTML 1Page - Sharp Corporation LS013B4DN01 Datasheet HTML 2Page - Sharp Corporation LS013B4DN01 Datasheet HTML 3Page - Sharp Corporation LS013B4DN01 Datasheet HTML 4Page - Sharp Corporation LS013B4DN01 Datasheet HTML 5Page - Sharp Corporation LS013B4DN01 Datasheet HTML 6Page - Sharp Corporation LS013B4DN01 Datasheet HTML 7Page - Sharp Corporation LS013B4DN01 Datasheet HTML 8Page - Sharp Corporation LS013B4DN01 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
SPEC No.
LCY-12T09302A
MODEL No.
LS013B4DN01
PAGE
2
[For handling and system design]
(1) It is recommended to handle LCD panel with carefully, since this LCD panel is made of thin glass, dropping the module or
banging it against hard objects may cause cracks or fragmentation.
(2) Do not scratch the surface of the UV protection film as it is easily damaged.
(3) Water droplets on the UV protection film must be wiped off immediately as they may cause color changes, or other defects if
remained for a long time.
(4) If the cleaning of the surface of the LCD panel is necessary, wipe it swiftly with cotton or other soft cloth.
Do not use organic solvents as it damages the UV protection film.
(5) Do not hold or touch the part of single glass of LCD panel which has electric connection area, as electric circuits in LCD
panel may be damaged.
(6) Hold LCD with very carefully when placing LCD module into the system housing.
(7) LCD panel is susceptible to mechanical stress and even the slightest stress will cause a color change in background. So make
sure the LCD panel is placed on flat plane without any continuous twisting, bending or pushing stress.
(8) When carrying the LCD module, place it on the tray to protect from mechanical damage. It is recommended to use the
conductive trays to protect LCD panel from electrostatic discharge. Certain materials such as epoxy resin (amine’s hardener) or
silicone adhesive agent (de-alcohol or de-oxym) emits gas to which the UV protection film reacts (color change).
Check carefully that gas from materials used in system housing or packaging do not hart the UV protection film.
(9)Do not apply excessive stress or pressure to LCD module. Do not to use chloroprene rubber as it may affect on the reliability
of the electrical interconnection.
(10) As this LCD module contains components sensitive to electrostatic discharge, more than 200V, be sure to follow the
instructions in below.
①
Operators
Operators must wear anti-static wears to prevent electrostatic charge up to and discharge from human body.
②
Equipment and containers
Process equipment such as conveyer, soldering iron, working bench and containers may possibly generate electrostatic charge
up and discharge. Equipment must be grounded through 100Mohms resistance. Use ion blower.
③
Floor
Floor is an important part to leak static electricity which is generated from human body or equipment.
There is a possibility that the static electricity is charged to them without leakage in case of insulating floor, so the
electrostatic earth should be lower than the 1×108Ω.
④
Humidity
Proper humidity of working room may reduce the risk of electrostatic charge up and discharge. Humidity should be kept over
50% all the time.
⑤
Transportation/storage
Storage materials must be anti-static to prevent causing electrostatic discharge.
⑥
Others
(11) Protective film is attached on the surface of the UV protection film on LCD panel to prevent scratches or other damages.
When removing this protective film, remove it slowly under proper anti-ESD control such as ion blower.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com