Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS013B4DN01 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LS013B4DN01
Description  LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN01 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LS013B4DN01 Datasheet HTML 2Page - Sharp Corporation LS013B4DN01 Datasheet HTML 3Page - Sharp Corporation LS013B4DN01 Datasheet HTML 4Page - Sharp Corporation LS013B4DN01 Datasheet HTML 5Page - Sharp Corporation LS013B4DN01 Datasheet HTML 6Page - Sharp Corporation LS013B4DN01 Datasheet HTML 7Page - Sharp Corporation LS013B4DN01 Datasheet HTML 8Page - Sharp Corporation LS013B4DN01 Datasheet HTML 9Page - Sharp Corporation LS013B4DN01 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
SPEC No.
LCY-12T09302A
MODEL No.
LS013B4DN01
PAGE
4
[Other Notice]
(1) Do not operate or store the LCD module under outside of specified environmental conditions.
(2) As electrical impedance of power supply lines (VDD-VSS) are low when LCD module is working, place the de-coupling
capacitor near by LCD module as close as possible.
(3) Although the LCD panel has the UV protection film on the LCD panel surface, just in case, do not expose the LCD module to
direct sunlight or strong ultraviolet light for long periods.
(4) Do not disassemble the LCD module as it may cause permanent damage.
(5) Since the liquid crystal is injurious, do not put it into the eyes
or mouth. When liquid crystal sticks to hands, feet or clothes, wash it out immediately with soap.
(6) This LCD module does not contain nor use any ODS (1,1,1-Trichloroethane, CCL4) in all materials used, in all production
processes.
(7) Observe all other precautionary requirements in handling general electronic components.
[Precautions for Discarding Liquid Crystal Modules]
LCD panel: Dispose of as glass waste. This LCD module contains no harmful substances. The liquid crystal panel contains no
dangerous or harmful substances. The liquid crystal panel only contains an extremely small amount of liquid crystal
(approx.100mg) and therefore it will not leak even if the panel should break.
-Its median lethal dose (LD50) is greater than 2,000 mg/kg and a mutagenetic (Aims test: negative) material is employed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com