Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C310 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS80C310
Description  High-Speed Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C310 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS80C310 Datasheet HTML 6Page - Dallas Semiconductor DS80C310 Datasheet HTML 7Page - Dallas Semiconductor DS80C310 Datasheet HTML 8Page - Dallas Semiconductor DS80C310 Datasheet HTML 9Page - Dallas Semiconductor DS80C310 Datasheet HTML 10Page - Dallas Semiconductor DS80C310 Datasheet HTML 11Page - Dallas Semiconductor DS80C310 Datasheet HTML 12Page - Dallas Semiconductor DS80C310 Datasheet HTML 13Page - Dallas Semiconductor DS80C310 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
DS80C310
10 of 22
PERIPHERAL OVERVIEW
The DS80C310 provides the same peripheral functions as the standard 80C32. The device is compatible
with the DS80C320, but it does not offer all the peripherals.
TIMER RATE CONTROL
There is one important difference between the DS80C310 and 8051 regarding timers. The original 8051
used 12 clocks per cycle for timers and machine cycles. The DS80C310 architecture normally uses 4
clocks per machine cycle. However, in the area of timers and serial ports, the DS80C310 defaults to 12
clocks per cycle on reset. This allows existing code with real-time dependencies such as baud rates to
operate properly.
If an application needs higher speed timers or serial baud rates, the user can select individual timers to run
at the 4-clock rate. The Clock Control Register (CKCON; 8Eh) determines these timer speeds. When the
relevant CKCON bit is logic 1, the DS80C310 uses 4 clocks per cycle to generate timer speeds. When the
bit is 0, the DS80C310 uses 12 clocks for timer speeds. The reset condition is 0. CKCON.5 selects the
speed of Timer 2. CKCON.4 selects Timer 1 and CKCON.3 selects Timer 0. Note that unless a user
desires very fast timing, it is unnecessary to alter these bits. Also note that the timer controls are
independent.
POWER-ON RESET
The DS80C310 holds itself in reset during a power-up until 65,536 clock cycles have elapsed. The power-
on reset used by the DS80C310 differs somewhat from other members of the high-speed microcontroller
family. The crystal oscillator can start anywhere between 1.0V and 4.5V, but is not specified. This
eliminates the need for an RC reset circuit. For voltage-specific precision-brownout detection, an external
component is needed. When the device goes through a power-on reset, the POR flag is set in the
WDCON (D8h) register at bit 6.
INTERRUPTS
The DS80C310 provides 10 interrupt sources with two priority levels. Software can assign high or low
priority to all sources. All interrupts that are new to the 8051 have a lower natural priority than the
originals.
Table 3. Interrupt Sources and Priorities
NAME
DESCRIPTION
VECTOR
NATURAL
PRIORITY
INT0
External Interrupt 0
03h
1
TF0
Timer 0
0Bh
2
INT1
External Interrupt 1
13h
3
TF1
Timer 1
1Bh
4
SCON
T1 or R1 from the serial port
23h
5
TF2
Timer 2
2Bh
6
INT2
External Interrupt 2
43h
7
INT3
External Interrupt 3
4Bh
8
INT4
External Interrupt 4
53h
9
INT5
External Interrupt 5
5Bh
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com