Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C310 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS80C310
Description  High-Speed Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C310 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS80C310 Datasheet HTML 1Page - Dallas Semiconductor DS80C310 Datasheet HTML 2Page - Dallas Semiconductor DS80C310 Datasheet HTML 3Page - Dallas Semiconductor DS80C310 Datasheet HTML 4Page - Dallas Semiconductor DS80C310 Datasheet HTML 5Page - Dallas Semiconductor DS80C310 Datasheet HTML 6Page - Dallas Semiconductor DS80C310 Datasheet HTML 7Page - Dallas Semiconductor DS80C310 Datasheet HTML 8Page - Dallas Semiconductor DS80C310 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
DS80C310
4 of 22
PIN
PDIP
PLCC
TQFP
NAME
FUNCTION
Port 3 (I/O). Port 3 functions as both an 8-bit bidirectional I/O port
and an alternate functional interface for external Interrupts, Serial
Port 0, Timer 0 and 1 Inputs,
RD and WR strobes. The reset
condition of Port 3 is with all bits at logic 1. In this state, a weak
pullup holds the port high. This condition also serves as an input
mode, since any external circuit that writes to the port will overcome
the weak pullup. When software writes a 0 to any port pin, the
DS80C310 will activate a strong pulldown that remains on until
either a 1 is written or a reset occurs. Writing a 1 after the port has
been at 0 will cause a strong transition driver to turn on, followed by
a weaker sustaining pullup. Once the momentary strong driver turns
off, the port once again becomes both the output high and input
state. The alternate modes of Port 3 are as follows:
PIN
PDIP
PLCC
TQFP
PORT
ALTERNATE
FUNCTION
10
11
5
P3.0
RXD0
Serial Port 0
Input
11
13
7
P3.1
TXD0
Serial Port 0
Output
12
14
8
P3.2
INT0
External Interrupt
0
13
15
9
P3.3
INT1
External Interrupt
1
14
16
10
P3.4
T0
Timer 0 External
Input
15
17
11
P3.5
T1
Timer 1 External
Input
16
18
12
P3.6
WR
External Data
Memory Write
Strobe
10–17
11,
13–19
5, 7–13
P3.0–P3.7
17
19
13
P3.7
RD
External Data
Memory Read
Strobe
18, 19
20, 21
14, 15
XTAL2,
XTAL1
Crystal Oscillator Pins. XTAL1 and XTAL2 provide support for
parallel resonant, AT-cut crystals. XTAL1 also acts as an input in
the event that an external clock source is used in place of a crystal.
XTAL2 serves as the output of the crystal amplifier.
20
1, 22,
23
16, 17,
39
GND
Digital Circuit Ground
21
24
18
A8(P2.0)
22
25
19
A9(P2.1)
23
26
20
A10(P2.2)
24
27
21
A11(P2.3)
25
28
22
A12(P2.4)
26
29
23
A13(P2.5)
27
30
24
A14(P2.6)
28
31
25
A15(P2.7)
Address Outputs (Port 2) (Output). Port 2 serves as the MSB for
external addressing. P2.7 is A15 and P2.0 is A8. The DS80C310
automatically places the MSB of an address on P2 for external ROM
and RAM access. Although Port 2 can be accessed like an ordinary
I/O port, the value stored on the Port 2 latch is never seen on the pins
(due to memory access). Therefore, writing to Port 2 in software is
only useful for the instructions MOVX A, @ Ri or MOVX @ Ri, A.
These instructions use the Port 2 internal latch to supply the external
address MSB; the Port 2 latch value is supplied as the address
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com