Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C310 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS80C310
Description  High-Speed Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C310 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS80C310 Datasheet HTML 7Page - Dallas Semiconductor DS80C310 Datasheet HTML 8Page - Dallas Semiconductor DS80C310 Datasheet HTML 9Page - Dallas Semiconductor DS80C310 Datasheet HTML 10Page - Dallas Semiconductor DS80C310 Datasheet HTML 11Page - Dallas Semiconductor DS80C310 Datasheet HTML 12Page - Dallas Semiconductor DS80C310 Datasheet HTML 13Page - Dallas Semiconductor DS80C310 Datasheet HTML 14Page - Dallas Semiconductor DS80C310 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DS80C310
11 of 22
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………………………...-0.3V to (VCC + 0.5V)
Voltage Range on VCC Relative to Ground………………………………………………….-0.3V to +6.0V
Operating Temperature Range………………………………………………………………-40
C to +85C
Storage Temperature Range……………………………………………………………….-55
C to +125C
Soldering Temperature………………………………………….See IPC/JEDEC J-STD-020 Specification
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of
time may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(VCC = 4.5V to 5.5V, TA = -40C to +85C.) (Note 1)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.0
5.0
5.5
V
2
Supply Current Active Mode
at 25MHz
ICC
30
mA
3
Supply Current Idle Mode
at 25MHz
IIDLE
15
mA
4
Supply Current Stop Mode
ISTOP
1
A
5
Input Low Level
VIL
-0.3
+0.8
V
2
Input High Level (Except XTAL1 and
RST)
VIH
2.0
VCC +
0.3
V
2
Input High Level XTAL1 and RST
VIH2
3.5
VCC +
0.3
V
2
Output Low Voltage Ports 1, 3
at IOL = 1.6mA
VOL1
0.15
0.45
V
2
Output Low Voltage Port 0, 2, ALE,
PSEN at IOL = 3.2mA
VOL2
0.15
0.45
V
2, 6
Output High Voltage Port 1, 3, ALE,
PSEN at IOH = -50A
VOH1
2.4
V
2, 7
Output High Voltage Ports 1, 3
at IOH = -1.5mA
VOH2
2.4
V
2, 8
Output High Voltage Port 0, 2, ALE,
PSEN at IOH = -8mA
VOH3
2.4
V
2, 6
Input Low Current Ports 1, 3
at 0.45V
IIL
-55
A
9
Transition Current from 1 to 0
Ports 1, 3 at 2V
ITL
-650
A
10
Input Leakage Port 0, Bus Mode
IL
-300
+300
A
11
RST Pulldown Resistance
RRST
50
170
k

Note 1:
All parameters apply to both commercial and industrial temperature operation unless otherwise noted. Specifications to -40
C
are guaranteed by design and not product tested.
Note 2:
All voltages are referenced to ground.
Note 3:
Active current is measured with a 25MHz clock source driving XTAL1, VCC = RST = 5.5V, all other pins disconnected.
Note 4:
Idle mode current is measured with a 25MHz clock source driving XTAL1, VCC = 5.5V, RST at ground, all other pins
disconnected.
Note 5:
Stop mode current measured with XTAL1 and RST grounded, VCC =5.5V, all other pins disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com