Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C310 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS80C310
Description  High-Speed Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C310 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS80C310 Datasheet HTML 8Page - Dallas Semiconductor DS80C310 Datasheet HTML 9Page - Dallas Semiconductor DS80C310 Datasheet HTML 10Page - Dallas Semiconductor DS80C310 Datasheet HTML 11Page - Dallas Semiconductor DS80C310 Datasheet HTML 12Page - Dallas Semiconductor DS80C310 Datasheet HTML 13Page - Dallas Semiconductor DS80C310 Datasheet HTML 14Page - Dallas Semiconductor DS80C310 Datasheet HTML 15Page - Dallas Semiconductor DS80C310 Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
DS80C310
12 of 22
Note 6:
When addressing external memory. This specification applies to the first clock cycle following the transition. On subsequent
cycles following 1 to 0 transitions, the typical current sink capability of Port 0 and Port 2 is approximately 150
A, and the
minimum current sink capability of ALE and
PSEN is approximately 400
A. On subsequent cycles following 0 to 1
transitions, the typical current drive capability of Port 0 and Port 2 is approximately 110
A.
Note 7:
RST = VCC. This condition mimics operation of pins in I/O mode.
Note 8:
During a 0 to 1 transition, a one-shot drives the ports hard for two clock cycles. This measurement reflects port in transition
mode.
Note 9:
Current required from external circuit to hold a logic-low level on an I/O pin while the corresponding port latch bit is set to 1.
This is only the current required to hold the low level; transitions from 1 to 0 on an I/O pin must also overcome the transition
current.
Note 10:
Ports 1 and 3 source transition current when being pulled down externally. The current reaches its maximum at approximately
2V.
Note 11:
0.45 < VIN <VCC. Not a high-impedance input. This port is a weak address holding latch because Port 0 is dedicated as an
address bus on the DS80C310. Peak current occurs near the input transition point of the latch, approximately 2V.
Figure 2. Typical ICC vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com