Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C310 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS80C310
Description  High-Speed Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C310 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS80C310 Datasheet HTML 1Page - Dallas Semiconductor DS80C310 Datasheet HTML 2Page - Dallas Semiconductor DS80C310 Datasheet HTML 3Page - Dallas Semiconductor DS80C310 Datasheet HTML 4Page - Dallas Semiconductor DS80C310 Datasheet HTML 5Page - Dallas Semiconductor DS80C310 Datasheet HTML 6Page - Dallas Semiconductor DS80C310 Datasheet HTML 7Page - Dallas Semiconductor DS80C310 Datasheet HTML 8Page - Dallas Semiconductor DS80C310 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DS80C310
3 of 22
PIN DESCRIPTION
PIN
PDIP
PLCC
TQFP
NAME
FUNCTION
Port 1 (I/O). Port 1 functions as both an 8-bit bidirectional I/O port
and an alternate functional interface for Timer 2 I/O and new
external interrupts. The reset condition of Port 1 is with all bits at
logic 1. In this state, a weak pullup holds the port high. This
condition also serves as an input mode, since any external circuit
that writes to the port overcomes the weak pullup. When software
writes a 0 to any port pin, the DS80C310 activates a strong pulldown
that remains on until either a 1 is written or a reset occurs. Writing a
1 after the port has been at 0 causes a strong transition driver to turn
on, followed by a weaker sustaining pullup. Once the momentary
strong driver turns off, the port once again becomes the output high
(and input) state. The alternate modes of Port 1 are outlined as
follows:
PIN
PDIP
PLCC
TQFP
PORT
ALTERNATE
FUNCTION
1
2
40
P1.0
T2
External I/O for
Timer/Counter 2
2
3
41
P1.1
T2EX
Timer/Counter 2
Capture/Reload
Trigger
3
4
42
P1.2
DS80C320 has a serial
port RXD
4
5
43
P1.3
DS80C320 has a serial
port TXD
5
6
44
P1.4
INT2
External Interrupt 2
(Positive Edge Detect)
6
7
1
P1.5
INT3
External Interrupt 3
(Negative Edge
Detect)
7
8
2
P1.6
INT4
External Interrupt 4
(Positive Edge Detect)
1–8
2–9
40–44,
1, 2, 3
P1.0–P1.7
8
9
3
P1.7
INT5
External Interrupt 5
(Negative Edge
Detect)
9
10
4
RST
Reset (Input). The RST input pin contains a Schmitt voltage input to
recognize external active-high reset inputs. The pin also employs an
internal pulldown resistor to allow for a combination of wired-OR
external reset sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com