Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C310 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS80C310
Description  High-Speed Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C310 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS80C310 Datasheet HTML 1Page - Dallas Semiconductor DS80C310 Datasheet HTML 2Page - Dallas Semiconductor DS80C310 Datasheet HTML 3Page - Dallas Semiconductor DS80C310 Datasheet HTML 4Page - Dallas Semiconductor DS80C310 Datasheet HTML 5Page - Dallas Semiconductor DS80C310 Datasheet HTML 6Page - Dallas Semiconductor DS80C310 Datasheet HTML 7Page - Dallas Semiconductor DS80C310 Datasheet HTML 8Page - Dallas Semiconductor DS80C310 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
1 of 22
GENERAL DESCRIPTION
The DS80C310 is a fast 80C31/80C32-compatible
microcontroller. It features a redesigned processor
core without wasted clock and memory cycles. As a
result, it executes every 8051 instruction between 1.5x
and 3x faster than the original architecture for the
same crystal speed. Typical applications have a speed
improvement of 2.5x using the same code and the
same crystal. The DS80C310 offers a 25MHz
maximum
crystal
speed,
resulting
in
apparent
execution speeds of 62.5MHz (approximately 2.5x).
The DS80C310 is pin compatible with the standard
80C32 and includes standard resources such as three
timer/counters, 256 bytes of RAM, and a serial port. It
also provides dual data pointers (DPTRs) to speed
block data memory moves. It also can adjust the speed
of MOVX data memory access between two and nine
machine cycles for flexibility in selecting external
memory and peripherals. The DS80C310 offers
upward compatibility with the DS80C320.
FEATURES
80C32 Compatible
8051 Pin and Instruction Set Compatible
Full-Duplex Serial Port
Three 16-Bit Timer/Counters
256 Bytes Scratchpad RAM
Multiplexed Address/Data Bus
Addresses 64kB ROM and 64kB RAM
High-Speed Architecture
4 Clocks/Machine Cycle (8051 = 12)
Runs DC to 25MHz Clock Rates
Single-Cycle Instruction in 160ns
Dual Data Pointer
Optional Variable Length MOVX to Access
Fast/Slow RAM /Peripherals
10 Total Interrupt Sources with 6 External
Internal Power-On Reset Circuit
Upwardly Compatible with the DS80C320
Available in 40-Pin Plastic DIP, 44-Pin PLCC,
and 44-Pin TQFP
PIN CONFIGURATIONS
Note: Designers must have two documents to fully use all the features
of this device: this data sheet and the High-Speed Microcontroller
User’s Guide, available on our website at
www.maxim-
ic.com/microcontrollers. Data sheets contain pin descriptions,
feature overviews, and electrical specifications, whereas the user’s
guide contains detailed information about device features and
operation.
TOP VIEW
DS80C310
High-Speed Microcontroller
www.maxim-ic.com
19-4859; Rev 8/09


Similar Part No. - DS80C310

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C310 DALLAS-DS80C310 Datasheet
1Mb / 23P
High-Speed Micro
logo
Maxim Integrated Produc...
DS80C310 MAXIM-DS80C310 Datasheet
382Kb / 22P
High-Speed Microcontroller
19-4859 ; Rev 8/09
logo
Dallas Semiconductor
DS80C310-ECG DALLAS-DS80C310-ECG Datasheet
1Mb / 23P
High-Speed Micro
DS80C310-ECG DALLAS-DS80C310-ECG Datasheet
333Kb / 21P
High-Speed Micro
logo
Maxim Integrated Produc...
DS80C310-ECG MAXIM-DS80C310-ECG Datasheet
382Kb / 22P
High-Speed Microcontroller
19-4859 ; Rev 8/09
More results

Similar Description - DS80C310

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6408 OKI-MSM6408 Datasheet
147Kb / 19P
High speed and High performance 4-Bit Microcontroller
logo
Dallas Semiconductor
DS89C420 DALLAS-DS89C420 Datasheet
539Kb / 59P
Ultra-High-Speed Microcontroller
DS5240 DALLAS-DS5240 Datasheet
43Kb / 3P
High-Speed Secure Microcontroller
DS5250-DS5250F DALLAS-DS5250-DS5250F Datasheet
123Kb / 3P
High-Speed Secure Microcontroller
logo
List of Unclassifed Man...
KL5C80A12 ETC-KL5C80A12 Datasheet
252Kb / 1P
Z80 COMPATIBLE HIGH SPEED MICROCONTROLLER
logo
Maxim Integrated Produc...
DS89C420 MAXIM-DS89C420_05 Datasheet
485Kb / 47P
Ultra-High-Speed Microcontroller
REV: 081805
DS89C420 MAXIM-DS89C420_02 Datasheet
669Kb / 58P
Ultra-High-Speed Microcontroller
051302
logo
Dallas Semiconductor
DS80C320-MCG DALLAS-DS80C320-MCG Datasheet
1Mb / 175P
High-Speed Microcontroller User Guide
DS5250 DALLAS-DS5250_04 Datasheet
123Kb / 3P
High-Speed Secure Microcontroller
logo
Maxim Integrated Produc...
DS80C310 MAXIM-DS80C310 Datasheet
382Kb / 22P
High-Speed Microcontroller
19-4859 ; Rev 8/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com