Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7301 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX7301
Description  4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7301 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX7301 Datasheet HTML 3Page - Maxim Integrated Products MAX7301 Datasheet HTML 4Page - Maxim Integrated Products MAX7301 Datasheet HTML 5Page - Maxim Integrated Products MAX7301 Datasheet HTML 6Page - Maxim Integrated Products MAX7301 Datasheet HTML 7Page - Maxim Integrated Products MAX7301 Datasheet HTML 8Page - Maxim Integrated Products MAX7301 Datasheet HTML 9Page - Maxim Integrated Products MAX7301 Datasheet HTML 10Page - Maxim Integrated Products MAX7301 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
The MAX7301 is written to using the following
sequence:
1) Take SCLK low.
2) Take
CS low. This enables the internal 16-bit shift
register.
3) Clock 16 bits of data into DIN—D15 first, D0 last—
observing the setup and hold times (bit D15 is low,
indicating a write command).
4) Take
CS high (either while SCLK is still high after
clocking in the last data bit, or after taking SCLK
low).
5) Take SCLK low (if not already low).
Figure 4 shows a write operation when 16 bits are
transmitted.
It is acceptable to clock more than 16 bits into the
MAX7301 between taking
CS low and taking CS high
again. In this case, only the last 16 bits clocked into the
MAX7301 are retained.
Reading Device Registers
Any register data within the MAX7301 may be read by
sending a logic high to bit D15. The sequence is:
1) Take SCLK low.
2) Take
CS low (this enables the internal 16-bit Shift
register).
3) Clock 16 bits of data into DIN—D15 first to D0 last.
D15 is high, indicating a read command and bits
D14 through D8 containing the address of the regis-
ter to be read. Bits D7–D0 contain dummy data,
which is discarded.
4) Take
CS high (either while SCLK is still high after
clocking in the last data bit, or after taking SCLK
low), positions D7 through D0 in the Shift register
are now loaded with the register data addressed by
bits D1 through D8.
5) Take SCLK low (if not already low).
6) Issue another read or write command (which can
be a No-Op), and examine the bit stream at DOUT;
the second 8 bits are the contents of the register
addressed by bits D1 through D8 in step 3.
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and
28-Port I/O Expander
_______________________________________________________________________________________
7
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
R/W
8
CE
DATA
8
PORT REGISTERS
GPIO
CONFIGURATION
P4 TO P31
GPIO DATA
R/W
CONFIGURATION
REGISTERS
PORT CHANGE
DETECTOR
MASK REGISTER
COMMAND
REGISTER DECODE
8
DATA BYTE
COMMAND BYTE
CS
DIN
SCLK
DOUT
8
Figure 1. MAX7301 Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com