Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7301 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX7301
Description  4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7301 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX7301 Datasheet HTML 5Page - Maxim Integrated Products MAX7301 Datasheet HTML 6Page - Maxim Integrated Products MAX7301 Datasheet HTML 7Page - Maxim Integrated Products MAX7301 Datasheet HTML 8Page - Maxim Integrated Products MAX7301 Datasheet HTML 9Page - Maxim Integrated Products MAX7301 Datasheet HTML 10Page - Maxim Integrated Products MAX7301 Datasheet HTML 11Page - Maxim Integrated Products MAX7301 Datasheet HTML 12Page - Maxim Integrated Products MAX7301 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
External Component RISET
The MAX7301 uses an external resistor, RISET, to set
internal biasing. Use a resistor value of 39k
Ω.
Applications Information
Low-Voltage Operation
The MAX7301 operates down to 2V supply voltage
(although the sourcing and sinking currents are not
guaranteed), providing that the MAX7301 is powered
up initially to at least 2.5V to trigger the device’s internal
reset, and also that the serial interface is constrained to
10Mbps.
SPI Routing Considerations
The MAX7301’s SPI interface is guaranteed to operate
at 26Mbps on a 2.5V supply, and on a 5V supply typi-
cally operates at 50Mbps. This means that transmission
line issues should be considered when the interface
connections are longer than 100mm, particularly with
higher supply voltages. Ringing manifests itself as
communication issues, often intermittent, typically due
to double clocking due to ringing at the SCLK input. Fit
a 1k
Ω to 10kΩ parallel termination resistor to either
GND or V+ at the DIN, SCLK, and
CS input to damp
ringing for moderately long interface runs. Use line-
impedance matching terminations when making con-
nections between boards.
PC Board Layout Considerations
For the TQFN version, connect the underside exposed
pad to GND. Ensure that all the MAX7301 GND connec-
tions are used. A ground plane is not necessary, but
may be useful to reduce supply impedance if the
MAX7301 outputs are to be heavily loaded. Keep the
track length from the ISET pin to the RISET resistor as
short as possible, and take the GND end of the resistor
either to the ground plane or directly to the ground pins.
Power-Supply Considerations
The MAX7301 operates with power-supply voltages of
2.5V to 5.5V. Bypass the power supply to GND with a
0.047µF capacitor as close to the device as possible.
Add a 1µF capacitor if the MAX7301 is far away from
the board’s input bulk decoupling capacitor.
Chip Information
TRANSISTOR COUNT: 30,316
PROCESS: CMOS
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and
28-Port I/O Expander
_______________________________________________________________________________________
9
MICROCONTROLLER
SERIAL-DATA OUTPUT
SERIAL CS OUTPUT
SERIA-CLOCK OUTPUT
SERIAL-DATA INPUT
DIN
SCLK
CS
DOUT
DIN
SCLK
CS
DOUT
DIN
SCLK
CS
DOUT
MAX7301
MAX7301
MAX7301
Figure 3. Daisy-Chain Arrangement for Controlling Multiple MAX7301s
D15
= 0
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D15 = 0
CS
SCLK
DIN
DOUT
Figure 4. Transmission of a16-Bit Write to the MAX7301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com