Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7301 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7301
Description  4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7301 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7301 Datasheet HTML 1Page - Maxim Integrated Products MAX7301 Datasheet HTML 2Page - Maxim Integrated Products MAX7301 Datasheet HTML 3Page - Maxim Integrated Products MAX7301 Datasheet HTML 4Page - Maxim Integrated Products MAX7301 Datasheet HTML 5Page - Maxim Integrated Products MAX7301 Datasheet HTML 6Page - Maxim Integrated Products MAX7301 Datasheet HTML 7Page - Maxim Integrated Products MAX7301 Datasheet HTML 8Page - Maxim Integrated Products MAX7301 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and
28-Port I/O Expander
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltage with respect to GND.)
V+ .............................................................................-0.3V to +6V
All Other Pins................................................-0.3V to (V+ + 0.3V)
P4–P31 Current ................................................................±30mA
GND Current .....................................................................800mA
Continuous Power Dissipation (TA = +70°C)
28-Pin SSOP (derate 9.5mW/°C above +70°C) ...........762mW
36-Pin SSOP (derate 11.8mW/°C above +70°C) .........941mW
40-Pin TQFN (derate 26.3mW/°C above +70°C) ....2963.0mW
Operating Temperature Range
(TMIN, TMAX) ..................................................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(Typical Operating Circuit, V+ = 2.5V to 5.5V, TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
V+
2.5
5.5
V
TA = +25°C
5.5
8
TA = -40°C to +85°C
10
Shutdown Supply Current
ISHDN
All digital inputs at V+
or GND
TA = TMIN to TMAX
11
µA
TA = +25°C
180
230
TA = -40°C to +85°C
250
Operating Supply Current
(Output High)
IGPOH
All ports programmed
as outputs high, no
load, all other inputs
at V+ or GND
TA = TMIN to TMAX
270
µA
TA = +25°C
170
210
TA = -40°C to +85°C
230
Operating Supply Current
(Output Low)
IGPOL
All ports programmed
as outputs low, no
load, all other inputs
at V+ or GND
TA = TMIN to TMAX
240
µA
TA = +25°C
110
135
TA = -40°C to +85°C
140
Operating Supply Current
(Input)
IGPI
All ports programmed
as inputs without
pullup, ports, and all
other inputs at V+ or
GND
TA = TMIN to TMAX
145
µA
INPUTS AND OUTPUTS
Logic High Input Voltage
Port Inputs
VIH
0.7
✕
V+
V
Logic Low Input Voltage
Port Inputs
VIL
0.3
✕
V+
V
Input Leakage Current
IIH, IIL
GPIO inputs without pullup,
VPORT = V+ to GND
-100
±1
+100
nA
V+ = 2.5V
12
19
30
GPIO Input Internal Pullup to V+
IPU
V+ = 5.5V
80
120
180
µA
Hysteresis Voltage GPIO Inputs
∆VI
0.3
V
GPIO outputs, ISOURCE = 2mA,
TA = -40°C to +85°C
V+ -
0.7
Output High Voltage
VOH
GPIO outputs, ISOURCE = 1mA,
TA = TMIN to TMAX (Note 2)
V+ -
0.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com