Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7301 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX7301
Description  4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7301 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX7301 Datasheet HTML 2Page - Maxim Integrated Products MAX7301 Datasheet HTML 3Page - Maxim Integrated Products MAX7301 Datasheet HTML 4Page - Maxim Integrated Products MAX7301 Datasheet HTML 5Page - Maxim Integrated Products MAX7301 Datasheet HTML 6Page - Maxim Integrated Products MAX7301 Datasheet HTML 7Page - Maxim Integrated Products MAX7301 Datasheet HTML 8Page - Maxim Integrated Products MAX7301 Datasheet HTML 9Page - Maxim Integrated Products MAX7301 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Serial Interface
The MAX7301 communicates through an SPI-compati-
ble 4-wire serial interface. The interface has three
inputs, Clock (SCLK), Chip Select (
CS), and Data In
(DIN), and one output, Data Out (DOUT).
CS must be
low to clock data into or out of the device, and DIN
must be stable when sampled on the rising edge of
SCLK. DOUT provides a copy of the bit that was input
15.5 clocks earlier, or upon a query it outputs internal
register data, and is stable on the rising edge of SCLK.
Note that the SPI protocol expects DOUT to be high
impedance when the MAX7301 is not being
accessed; DOUT on the MAX7301 is never high
impedance. See www.maxim-ic.com/an 1879 for
ways to convert DOUT to tri-state, if required.
SCLK and DIN may be used to transmit data to other
peripherals, so the MAX7301 ignores all activity on
SCLK and DIN except between the fall and subsequent
rise of
CS.
Control and Operation Using the
4-Wire Interface
Controlling the MAX7301 requires sending a 16-bit
word. The first byte, D15 through D8, is the command
address (Table 3), and the second byte, D7 through
D0, is the data byte (Table 4 through Table 8).
Connecting Multiple MAX7301s
to the 4-Wire Bus
Multiple MAX7301s may be daisy-chained by connect-
ing the DOUT of one device to the DIN of the next, and
driving SCLK and
CS lines in parallel (Figure 3). Data at
DIN propagates through the internal shift registers and
appears at DOUT 15.5 clock cycles later, clocked out
on the falling edge of SCLK. When sending commands
to multiple MAX7301s, all devices are accessed at the
same time. An access requires (16 ✕ n) clock cycles,
where n is the number of MAX7301s connected togeth-
er. To update just one device in a daisy-chain, the user
can send the No-Op command (0x00) to the others.
Writing Device Registers
The MAX7301 contains a 16-bit shift register into which
DIN data are clocked on the rising edge of SCLK, when
CS is low. When CS is high, transitions on SCLK have
no effect. When
CS goes high, the 16 bits in the Shift
register are parallel loaded into a 16-bit latch. The 16
bits in the latch are then decoded and executed.
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and
28-Port I/O Expander
6
_______________________________________________________________________________________
Table 1. Port Configuration Map
REGISTER DATA
REGISTER
ADDRESS
CODE (HEX)
D7
D6
D5
D4
D3
D2
D1
D0
Port Configuration for P7, P6, P5, P4
0x09
P7
P6
P5
P4
Port Configuration for P11, P10, P9, P8
0x0A
P11
P10
P9
P8
Port Configuration for P15, P14, P13, P12
0x0B
P15
P14
P13
P12
Port Configuration for P19, P18, P17, P16
0x0C
P19
P18
P17
P16
Port Configuration for P23, P22, P21, P20
0x0D
P23
P22
P21
P20
Port Configuration for P27, P26, P25, P24
0x0E
P27
P26
P25
P24
Port Configuration for P31, P30, P29, P28
0x0F
P31
P30
P29
P28
Table 2. Port Configuration Matrix
PORT
CONFIGURATION
BIT PAIR
MODE
FUNCTION
PORT
REGISTER
(0x20–0x5F)
(0xA0–0xDF)
PIN BEHAVIOR
ADDRESS
CODE (HEX)
UPPER
LOWER
DO NOT USE THIS SETTING
0x09 to 0x0F
00
Register bit = 0
Active-low logic output
Output
GPIO Output
Register bit = 1
Active-high logic output
0x09 to 0x0F
01
Input
GPIO Input
Without Pullup
Schmitt logic input
0x09 to 0x0F
10
Input
GPIO Input with Pullup
Register bit =
input logic level
Schmitt logic input with pullup
0x09 to 0x0F
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com