Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7301 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7301
Description  4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7301 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7301 Datasheet HTML 1Page - Maxim Integrated Products MAX7301 Datasheet HTML 2Page - Maxim Integrated Products MAX7301 Datasheet HTML 3Page - Maxim Integrated Products MAX7301 Datasheet HTML 4Page - Maxim Integrated Products MAX7301 Datasheet HTML 5Page - Maxim Integrated Products MAX7301 Datasheet HTML 6Page - Maxim Integrated Products MAX7301 Datasheet HTML 7Page - Maxim Integrated Products MAX7301 Datasheet HTML 8Page - Maxim Integrated Products MAX7301 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and
28-Port I/O Expander
_______________________________________________________________________________________
3
Note 1: All parameters tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Guaranteed by design.
ELECTRICAL CHARACTERISTICS (continued)
(Typical Operating Circuit, V+ = 2.5V to 5.5V, TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Port Sink Current
IOL
VPORT = 0.6V
2
10
18
mA
Output Short-Circuit Current
IOLSC
Port configured output low, shorted to V+
2.75
11
20.00
mA
V+
≤ 3.3V
1.6
Input High-Voltage SCLK, DIN,
CS
VIH
V+ > 3.3V
2
V
Input Low-Voltage SCLK, DIN,
CS
VIL
0.6
V
Input Leakage Current SCLK,
DIN,
CS
IIH, IIL
-50
+50
nA
Output High-Voltage DOUT
VOH
ISOURCE = 1.6mA
V+ -
0.5
V
Output Low-Voltage DOUT
VOL
ISINK = 1.6mA
0.4
V
TIMING CHARACTERISTICS (Figure 3)
(V+ = 2.5V to 5.5V, TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CLK Clock Period
tCP
38.4
ns
CLK Pulse Width High
tCH
19
ns
CLK Pulse Width Low
tCL
19
ns
CS Fall to SCLK Rise Setup Time
tCSS
9.5
ns
CLK Rise to
CS Rise Hold Time
tCSH
0ns
DIN Setup Time
tDS
9.5
ns
DIN Hold Time
tDH
0ns
Output Data Propagation Delay
tDO
CLOAD = 25pF
21
ns
Minimum
CS Pulse High
tCSW
19
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com