Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7301 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7301
Description  4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7301 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7301 Datasheet HTML 1Page - Maxim Integrated Products MAX7301 Datasheet HTML 2Page - Maxim Integrated Products MAX7301 Datasheet HTML 3Page - Maxim Integrated Products MAX7301 Datasheet HTML 4Page - Maxim Integrated Products MAX7301 Datasheet HTML 5Page - Maxim Integrated Products MAX7301 Datasheet HTML 6Page - Maxim Integrated Products MAX7301 Datasheet HTML 7Page - Maxim Integrated Products MAX7301 Datasheet HTML 8Page - Maxim Integrated Products MAX7301 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX7301 compact, serial-interfaced I/O expander
(or general-purpose I/O (GPIO) peripheral) provides
microprocessors with up to 28 ports. Each port is indi-
vidually user configurable to either a logic input or logic
output.
Each port can be configured either as a push-pull logic
output capable of sinking 10mA and sourcing 4.5mA,
or a Schmitt logic input with optional internal pullup.
Seven ports feature configurable transition detection
logic, which generates an interrupt upon change of port
logic level. The MAX7301 is controlled through an
SPI™-compatible 4-wire serial interface.
The MAX7301AAX and MAX7301ATL have 28 ports and
are available in 36-pin SSOP and 40-pin TQFN packages,
respectively. The MAX7301AAI has 20 ports and is avail-
able in a 28-pin SSOP package.
For a 2-wire I2C-interfaced version, refer to the
MAX7300 data sheet.
For a pin-compatible port expander with additional
24mA constant-current LED drive capability, refer to the
MAX6957 data sheet.
Applications
White Goods
Automotive
Gaming Machines
Industrial Controllerss
System Monitoring
Features
♦ High-Speed 26MHz SPI-/QSPI-™/MICROWIRE™-
Compatible Serial Interface
♦ 2.5V to 5.5V Operation
♦ -40°C to +125°C Temperature Range
♦ 20 or 28 I/O Ports, Each Configurable as
Push-Pull Logic Output
Schmitt Logic Input
Schmitt Logic Input with Internal Pullup
♦ 11µA (max) Shutdown Current
♦ Logic Transition Detection for Seven I/O Ports
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and
28-Port I/O Expander
________________________________________________________________ Maxim Integrated Products
1
19-2438; Rev 6; 4/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations appear at end of data sheet.
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX7301AAI+
-40
°C to +125°C
28 SSOP
A28-1
MAX7301AAX+
-40
°C to +125°C
36 SSOP
A36-4
MAX7301ATL+
-40
°C to +125°C
40 TQFN
T4066-5
P5
P4
P7
P8
P6
P10
P9
P12
P13
P11
P15
P14
P17
P18
P16
P20
P19
P22
P23
P21
36
2
3
33
4
34
35
29
27
31
24
25
22
21
23
V+
GND
GND
SCLK
DIN
DOUT
P30
P29
P31
P27
P28
P25
P24
P26
32
30
26
5
7
9
28
6
8
11
10
12
14
15
13
17
16
19
20
18
CS
MAX7301
3V
SSOP
CHIP SELECT
DATA IN
CLOCK IN
DATA OUT
I/O 4
I/O 5
I/O 6
I/O 7
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
I/O 16
I/O 17
I/O 18
I/O 19
I/O 20
I/O 21
I/O 22
I/O 23
I/O 24
I/O 25
I/O 26
I/O 27
I/O 28
I/O 29
I/O 30
I/O 31
47nF
1
ISET
39k
Ω
Typical Operating Circuit
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
+Denotes lead-free package.


Similar Part No. - MAX7301

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7301 MAXIM-MAX7301 Datasheet
1Mb / 18P
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 3; 10/03
MAX7301 MAXIM-MAX7301 Datasheet
1Mb / 17P
4-Wire-Interfaced, 2.5V to 5.5V 20-Port and 28-Port I/O Expander
19-2438; Rev 10; 8/20
MAX7301AAI MAXIM-MAX7301AAI Datasheet
1Mb / 18P
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 3; 10/03
MAX7301AAI MAXIM-MAX7301AAI Datasheet
281Kb / 17P
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 6; 4/06
MAX7301AAI+ MAXIM-MAX7301AAI+ Datasheet
1Mb / 17P
4-Wire-Interfaced, 2.5V to 5.5V,20-Port and 28-Port I/O Expander
Rev 8; 4/15
More results

Similar Description - MAX7301

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7300 MAXIM-MAX7300 Datasheet
348Kb / 22P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 1; 2/03
MAX7301 MAXIM-MAX7301 Datasheet
1Mb / 18P
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 3; 10/03
MAX6957 MAXIM-MAX6957 Datasheet
333Kb / 23P
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
MAX7300 MAXIM-MAX7300_11 Datasheet
205Kb / 20P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 7; 9/11
MAX7301AAXT MAXIM-MAX7301AAXT Datasheet
281Kb / 17P
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 6; 4/06
MAX6957 MAXIM-MAX6957_14 Datasheet
1Mb / 23P
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
Rev 5; 7/14
MAX7300 MAXIM-MAX7300_14 Datasheet
1Mb / 20P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 8; 5/14
MAX7301 MAXIM-MAX7301_15 Datasheet
1Mb / 17P
4-Wire-Interfaced, 2.5V to 5.5V,20-Port and 28-Port I/O Expander
Rev 8; 4/15
MAX7301 MAXIM-MAX7301_V01 Datasheet
1Mb / 17P
4-Wire-Interfaced, 2.5V to 5.5V 20-Port and 28-Port I/O Expander
19-2438; Rev 10; 8/20
MAX6956 MAXIM-MAX6956_V01 Datasheet
1Mb / 24P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com