Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2000-RFX Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAXQ2000-RFX
Description  Low-Power LCD Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000-RFX Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAXQ2000-RFX Datasheet HTML 12Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 13Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 14Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 15Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 16Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 17Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 18Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 19Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Low-Power LCD Microcontroller
16
____________________________________________________________________
In-Application Programming
The in-application programming feature allows the
microcontroller to modify its own flash program memory
while simultaneously executing its application software.
This allows on-the-fly software updates in mission-
critical applications that cannot afford downtime.
Alternatively, it allows the application to develop cus-
tom loader software that can operate under the control
of the application software. The utility ROM contains
user-accessible flash programming functions that erase
and program flash memory. These functions are
described in detail in the user’s guide supplement for
this device.
Register Set
Most functions of the device are controlled by sets of reg-
isters. These registers provide a working space for mem-
ory operations as well as configuring and addressing
peripheral registers on the device. Registers are divided
into two major types: system registers and peripheral reg-
isters. The common register set, also known as the sys-
tem registers, includes the ALU, accumulator registers,
data pointers, interrupt vectors and control, and stack
pointer. The peripheral registers define additional func-
tionality that may be included by different products based
on the MAXQ architecture. This functionality is broken up
into discrete modules so that only the features required
for a given product need to be included. Tables 1 and 4
show the MAXQ2000 register set.
Table 1. System Register Map
MODULE NAME (BASE SPECIFIER)
REGISTER
INDEX
AP (8h)
A (9h)
PFX (Bh)
IP (Ch)
SP (Dh)
DPC (Eh)
DP (Fh)
0xh
AP
A[0]
PFX
IP
——
—
1xh
APC
A[1]
——
SP
——
2xh
—
A[2]
——
IV
——
3xh
—
A[3]
—
—
—
Offs
DP0
4xh
PSF
A[4]
——
—
DPC
—
5xh
IC
A[5]
——
—
GR
—
6xh
IMR
A[6]
——
LC0
GRL
—
7xh
—
A[7]
——
LC1
BP
DP1
8xh
SC
A[8]
——
—
GRS
—
9xh
—
A[9]
—
—
—
GRH
—
Axh
—
A[10]
——
—
GRXL
—
Bxh
IIR
A[11]
——
—
FP
—
Cxh
—
A[12]
——
——
—
Dxh
—
A[13]
——
——
—
Exh
CKCN
A[14]
——
——
—
Fxh
WDCN
A[15]
——
——
—
Note: Names that appear in italics indicate that all bits of a register are read-only. Names that appear in bold indicate that a register
is 16 bits wide. Registers in module AP are bit addressable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com