Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2000-RFX Datasheet(PDF) 26 Page - Maxim Integrated Products

Part # MAXQ2000-RFX
Description  Low-Power LCD Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000-RFX Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button MAXQ2000-RFX Datasheet HTML 22Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 23Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 24Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 25Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 26Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 27Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 28Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 29Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 30Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Low-Power LCD Microcontroller
26
____________________________________________________________________
MAXQ2000
CLOCK
DIVIDER
SELECTOR
WAKE-UP
ALARM
TIMERS
DEFAULT
RING SELECT
WATCHDOG
TIMER
RESET DOG
RWT
RESET
POWER-ON
RESET
STOP
STOP
POWER-ON
RESET
SWB
INTERRUPT/SERIAL PORT
RESET
STOP
RGSL
XDOG DONE
RGMD
POWER-ON RESET
WATCHDOG RESET
CLOCK
GENERATION
SYSTEM CLOCK
ENABLE
WATCHDOG INTERRUPT
RING
ENABLE
32kHz
CRYSTAL
CRYSTAL
MONITOR
ENABLE
INPUT
HF
CRYSTAL
CRYSTAL KLL
XDOG
STARTUP
TIMER
CLK INPUT
RESET
XDOG COUNT
XDOG DONE
Figure 2. Clock Sources
System Timing
For maximum versatility, the MAXQ2000 generates its
internal system clock from one of five possible sources:
• Internal ring oscillator
• External high-frequency crystal or ceramic resonator,
using an internal oscillator
• External high-frequency clock source
• External 32kHz crystal or ceramic resonator, using an
internal oscillator
• External 32kHz clock source
A crystal warmup counter enhances operational relia-
bility. Each time the external crystal oscillation must
restart, such as after exiting Stop mode, the device initi-
ates a crystal warmup period of 65,536 oscillations.
This allows time for the crystal amplitude and frequency
to stabilize before using it as a clock source. While in
the warmup mode, the device can begin operation from
the internal ring oscillator and automatically switch
back to the crystal as soon as it is ready.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com