Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2000-RFX Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # MAXQ2000-RFX
Description  Low-Power LCD Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000-RFX Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button MAXQ2000-RFX Datasheet HTML 27Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 28Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 29Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 30Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 31Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 32Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 33Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 34Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 35Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
Low-Power LCD Microcontroller
____________________________________________________________________
31
In-Circuit Debug
Embedded debugging capability is available through
the JTAG-compatible Test Access Port. Embedded
debug hardware and embedded ROM firmware pro-
vide in-circuit debugging capability to the user applica-
tion, eliminating the need for an expensive in-circuit
emulator. Figure 4 shows a block diagram of the in-cir-
cuit debugger. The in-circuit debug features include:
• a hardware debug engine,
• a set of registers able to set breakpoints on register,
code, or data accesses, and
• a set of debug service routines stored in the utility
ROM.
The embedded hardware debug engine is an indepen-
dent hardware block in the microcontroller. The debug
engine can monitor internal activities and interact with
selected internal registers while the CPU is executing
user code. Collectively, the hardware and software fea-
tures allow two basic modes of in-circuit debugging:
• Background mode allows the host to configure and set
up the in-circuit debugger while the CPU continues to
execute the application software at full speed. Debug
mode can be invoked from background mode.
• Debug mode allows the debug engine to take control
of the CPU, providing read/write access to internal reg-
isters and memory, and single-step trace operation.
LCD Controller
The MAXQ2000 microcontroller incorporates an LCD
controller that interfaces to common low-voltage dis-
plays. By incorporating the LCD controller into the
microcontroller, the design requires only an LCD glass
rather than a considerably more expensive LCD mod-
ule. Every character in an LCD glass is composed of
one or more segments, each of which is activated by
selecting the appropriate segment and common signal.
The microcontroller can multiplex combinations of up to
33 segment (SEG0–SEG32) outputs and four common
signal outputs (COM0–COM3). Unused segment out-
puts can be used as general-purpose port pins.
The segments are easily addressed by writing to dedi-
cated display memory. Once the LCD controller set-
tings and display memory have been initialized, the
17-byte display memory is periodically scanned, and
the segment and common signals are generated auto-
matically at the selected display frequency. No addi-
tional processor overhead is required while the LCD
controller is running. Unused display memory can be
used for general-purpose storage.
The design is further simplified and cost-reduced by
the inclusion of software-adjustable internal voltage
dividers to control display contrast, using either VDDIO
or an external voltage. If desired, contrast can also be
controlled with an external resistance. The features of
the LCD controller include the following:
• Automatic LCD segment and common-drive signal
generation
• Four display modes supported:
Static (COM0)
1/2 duty multiplexed with 1/2 bias voltages (COM0,
COM1)
1/3 duty multiplexed with 1/3 bias voltages (COM0,
COM1, COM2)
1/4 duty multiplexed with 1/3 bias voltages (COM0,
COM1, COM2, COM3)
• Up to 36 segment outputs and four common-signal
outputs
• 17 bytes (136 bits) of display memory
• Flexible LCD clock source, selectable from 32kHz or
HFClk / 128
• Adjustable frame frequency
• Internal voltage-divider resistors eliminate require-
ment for external components
• Internal adjustable resistor allows contrast adjustment
without external components
TAP
CONTROLLER
CPU
DEBUG
ENGINE
DEBUG
SERVICE
ROUTINES
(UTILITY ROM)
TMS
TCK
TDI
TDO
CONTROL
BREAKPOINT
ADDRESS
DATA
MAXQ2000
Figure 4. In-Circuit Debugger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com