Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2000-RFX Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAXQ2000-RFX
Description  Low-Power LCD Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000-RFX Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAXQ2000-RFX Datasheet HTML 24Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 25Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 26Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 27Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 28Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 29Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 30Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 31Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Low-Power LCD Microcontroller
28
____________________________________________________________________
Power-On Reset
An internal power-on reset circuit enhances system reli-
ability. This circuit forces the device to perform a
power-on reset whenever a rising voltage on VDDIO
climbs above approximately 1.8V. At this point the fol-
lowing events occur:
• All registers and circuits enter their reset state
• The POR flag (WDCN.7) is set to indicate the source
of the reset
• The ring oscillator becomes the clock source and
• Code execution begins at location 8000h
Watchdog Timer Reset
The watchdog timer functions are described in the
MAXQ Family User’s Guide. Execution resumes at loca-
tion 8000h following a watchdog timer reset.
External System Reset
Asserting the external RESET pin low causes the device
to enter the reset state. The external reset functions as
described in the
MAXQ Family User’s Guide. Execution
resumes at location 8000h after the RESET pin is
released.
I/O Ports
The microcontroller uses the type C and type D bidirec-
tional I/O ports described in the
MAXQ Family User’s
Guide. The use of two port types allows for maximum
flexibility when interfacing to external peripherals. Each
port has eight independent, general-purpose I/O pins
and three configure/control registers. Many pins support
alternate functions such as timers or interrupts, which are
enabled, controlled, and monitored by dedicated periph-
eral registers. Using the alternate function automatically
converts the pin to that function.
Type-C port pins have Schmitt Trigger receivers and
full CMOS output drivers, and can support alternate
functions. The pin is either tri-stated or weak pullup
when defined as an input, dependent on the state of
the corresponding bit in the output register.
Type-D port pins have Schmitt Trigger receivers and
full CMOS output drivers, and can support alternate
functions. The pin is either tri-stated or weak pullup
when defined as an input, dependent on the state of
the corresponding bit in the output register. All type-D
pins also have interrupt capability.
MAXQ2000
PD.x
SF DIRECTION
SF ENABLE
PO.x
VDDIO
SF OUTPUT
VDDIO
WEAK
I/O PAD
PIN.x
INTERRUPT
FLAG
FLAG
PI.x OR SF INPUT
EIES.x
TYPE-D PORT ONLY
DETECT
CIRCUIT
Figure 3. Type-C/D Port Pin Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com