Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2000-RFX Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAXQ2000-RFX
Description  Low-Power LCD Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000-RFX Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAXQ2000-RFX Datasheet HTML 1Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 2Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 3Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 4Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 5Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 6Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 7Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 8Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Low-Power LCD Microcontroller
4
_____________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VDD(MIN) to VDD(MAX), VDDIO = 2.7V to 3.6V, TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EXTERNAL CLOCK SOURCE
External oscillator, VDD
2.25V
0
20
External oscillator, VDD < 2.25V
0
14
External crystal, VDD
2.25V
3
20
External crystal, VDD < 2.25V
3
14
Flash programming, VDD
2.25V
2
20
External-Clock
Frequency
fHFIN
Flash programming, VDD < 2.25V
2
14
MHz
External-Clock Period
tCLCL
48% minimum duty cycle
50
ns
2.25V
VDD
2.75V
0
20
System-Clock Frequency
fCK
1.8V
VDD
2.75V
0
14
MHz
System-Clock Period
tCK
50
ns
REAL-TIME CLOCK
RTC Input Frequency
f32KIN
32kHz watch crystal
32.768
kHz
JTAG/FLASH PROGRAMMING
Mass erase
200
Flash Erase Time
Page erase
20
ms
Flash Programming Time
2.5
5.0
ms
Write/Erase Cycles
TA = +25°C
10,000
cycles
Data Retention
TA = +25°C
100
years
SPI TIMING
SPI Master Operating
Frequency
1/tMCK
fCK / 2
MHz
SPI Slave Operating
Frequency
1/tSCK
fCK / 8
MHz
SCLK Output Pulse-Width
High/Low
tMCH, tMCL
tMCK / 2
- 25
ns
SCLK Input Pulse-Width
High/Low
tSCH, tSCL
tSCK / 2
ns
MOSI Output Hold Time
after SCLK Sample Edge
tMOH
CL = 50pF
tMCK / 2
- 25
ns
MOSI Output Valid to
Sample Edge
tMOV
tMCK / 2
- 25
ns
MISO Input Valid to SCLK
Sample Edge Rise/Fall
Setup
tMIS
30
ns
MISO Input to SCLK
Sample Edge Rise/Fall
Hold
tMIH
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com