Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2000-RFX Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAXQ2000-RFX
Description  Low-Power LCD Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000-RFX Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAXQ2000-RFX Datasheet HTML 1Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 2Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 3Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 4Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 5Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 6Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 7Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 8Page - Maxim Integrated Products MAXQ2000-RFX Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Low-Power LCD Microcontroller
_____________________________________________________________________
5
Note 1: Specifications to -40°C are guaranteed by design and not production tested.
Note 2: Guaranteed by design.
Note 3: Measured on the VDD pin with VDD = 2.75V and not in reset.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VDD(MIN) to VDD(MAX), VDDIO = 2.7V to 3.6V, TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Inactive to MOSI
Inactive
tMLH
tMCK / 2
- 25
ns
MOSI Input to SCLK
Sample Edge Rise/Fall
Setup
tSIS
30
ns
MOSI Input from SCLK
Sample Edge Transition
Hold
tSIH
tCK + 25
ns
MISO Output Valid after
SCLK Shift Edge
Transition
tSOV
3tCK +
25
ns
SS Inactive
tSSH
tCK + 25
ns
SCLK Inactive to SS
Rising
tSD
tCK + 25
ns
MISO Output Disabled
after CS Edge Rise
tSLH
2tCK +
50
ns
SS Active to First Shift
Edge
tSSE
4tCK
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com