Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DHTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # LIS3DHTR
Description  ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LIS3DHTR Datasheet HTML 14Page - STMicroelectronics LIS3DHTR Datasheet HTML 15Page - STMicroelectronics LIS3DHTR Datasheet HTML 16Page - STMicroelectronics LIS3DHTR Datasheet HTML 17Page - STMicroelectronics LIS3DHTR Datasheet HTML 18Page - STMicroelectronics LIS3DHTR Datasheet HTML 19Page - STMicroelectronics LIS3DHTR Datasheet HTML 20Page - STMicroelectronics LIS3DHTR Datasheet HTML 21Page - STMicroelectronics LIS3DHTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Application hints
LIS3DH
18/42
Doc ID 17530 Rev 1
4
Application hints
Figure 5.
LIS3DH electrical connection
The device core is supplied through Vdd line while the I/O pads are supplied through
Vdd_IO line. Power supply decoupling capacitors (100 nF ceramic, 10 µF aluminum) should
be placed as near as possible to the pin 14 of the device (common design practice).
All the voltage and ground supplies must be present at the same time to have proper
behavior of the IC (refer to Figure 5). It is possible to remove Vdd maintaining Vdd_IO
without blocking the communication bus, in this condition the measurement chain is
powered off.
The functionality of the device and the measured acceleration data is selectable and
accessible through the I2C or SPI interfaces.When using the I2C, CS must be tied high.
The ADC1, ADC2 & ADC3 if not used can be left floating or keep connected to Vdd or GND.
The functions, the threshold and the timing of the two interrupt pins (INT1 and INT2) can be
completely programmed by the user through the I2C/SPI interface.
4.1
Soldering information
The LGA package is compliant with the ECOPACK®, RoHS and “Green” standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020.
Leave “Pin 1 Indicator” unconnected during soldering.
Land pattern and soldering recommendations are available at www.st.com.
10µF
Vdd
100nF
GND
Vdd_IO
INT1
Digital signal from/to signal controller.Signal’s levels are defined by proper selection of Vdd_IO
1
5
8
13
TOP VIEW
6
9
14
16
9
5
INT2
ADC2
ADC1
ADC3
Vdd_IO
Rpu
Rpu
Pull-up to be added
when I2C interface is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com