Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DHTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # LIS3DHTR
Description  ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LIS3DHTR Datasheet HTML 31Page - STMicroelectronics LIS3DHTR Datasheet HTML 32Page - STMicroelectronics LIS3DHTR Datasheet HTML 33Page - STMicroelectronics LIS3DHTR Datasheet HTML 34Page - STMicroelectronics LIS3DHTR Datasheet HTML 35Page - STMicroelectronics LIS3DHTR Datasheet HTML 36Page - STMicroelectronics LIS3DHTR Datasheet HTML 37Page - STMicroelectronics LIS3DHTR Datasheet HTML 38Page - STMicroelectronics LIS3DHTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
LIS3DH
Registers description
Doc ID 17530 Rev 1
35/42
Content of this register is loaded at boot.
Write operation at this address is possible only after system boot.
Difference between AOI-6D = ‘01’ and AOI-6D = ‘11’.
AOI-6D = ‘01’ is movement recognition. An interrupt is generate when orientation move from
unknown zone to known zone. The interrupt signal stay for a duration ODR.
AOI-6D = ‘11’ is direction recognition. An interrupt is generate when orientation is inside a
known zone. The interrupt signal stay until orientation is inside the zone.
8.22
INT1_SRC (31h)
ZLIE/
ZDOWNE
Enable interrupt generation on Z low event or on Direction recognition. Default
value: 0 (0: disable interrupt request;1: enable interrupt request)
YHIE/
YUPE
Enable interrupt generation on Y high event or on Direction recognition. Default
value: 0 (0: disable interrupt request; 1: enable interrupt request.)
YLIE/
YDOWNE
Enable interrupt generation on Y low event or on Direction recognition. Default
value: 0 (0: disable interrupt request; 1: enable interrupt request.)
XHIE/
XUPE
Enable interrupt generation on X high event or on Direction recognition. Default
value: 0 (0: disable interrupt request; 1: enable interrupt request.)
XLIE/XDOWNE Enable interrupt generation on X low event or on Direction recognition. Default
value: 0 (0: disable interrupt request; 1: enable interrupt request.)
Table 48.
Interrupt mode
AOI
6D
Interrupt mode
0
0
OR combination of interrupt events
0
1
6 direction movement recognition
1
0
AND combination of interrupt events
1
1
6 direction position recognition
Table 47.
INT1_CFG description
Table 49.
INT1_SRC register
0
IA
ZH
ZL
YHYLXHXL
Table 50.
INT1_SRC description
IA
Interrupt active. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupts have been generated)
ZH
Z high. Default value: 0
(0: no interrupt, 1: Z High event has occurred)
ZL
Z low. Default value: 0
(0: no interrupt; 1: Z Low event has occurred)
YH
Y high. Default value: 0
(0: no interrupt, 1: Y High event has occurred)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com