Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DHTR Datasheet(PDF) 36 Page - STMicroelectronics

Part # LIS3DHTR
Description  ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHTR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LIS3DHTR Datasheet HTML 32Page - STMicroelectronics LIS3DHTR Datasheet HTML 33Page - STMicroelectronics LIS3DHTR Datasheet HTML 34Page - STMicroelectronics LIS3DHTR Datasheet HTML 35Page - STMicroelectronics LIS3DHTR Datasheet HTML 36Page - STMicroelectronics LIS3DHTR Datasheet HTML 37Page - STMicroelectronics LIS3DHTR Datasheet HTML 38Page - STMicroelectronics LIS3DHTR Datasheet HTML 39Page - STMicroelectronics LIS3DHTR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Registers description
LIS3DH
36/42
Doc ID 17530 Rev 1
Interrupt 1 source register. Read only register.
Reading at this address clears INT1_SRC IA bit (and the interrupt signal on INT 1 pin) and
allows the refreshment of data in the INT1_SRC register if the latched option was chosen.
8.23
INT1_THS (32h)
8.24
INT1_DURATION (33h)
D6 - D0 bits set the minimum duration of the Interrupt 1 event to be recognized. Duration
steps and maximum values depend on the ODR chosen.
8.25
CLICK_CFG (38h)
YL
Y low. Default value: 0
(0: no interrupt, 1: Y Low event has occurred)
XH
X high. Default value: 0
(0: no interrupt, 1: X High event has occurred)
XL
X low. Default value: 0
(0: no interrupt, 1: X Low event has occurred)
Table 50.
INT1_SRC description
Table 51.
INT1_THS register
0
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 52.
INT1_THS description
THS6 - THS0
Interrupt 1 threshold. Default value: 000 0000
Table 53.
INT1_DURATION register
0
D6
D5D4D3
D2D1
D0
Table 54.
INT1_DURATION description
D6 - D0
Duration value. Default value: 000 0000
Table 55.
CLICK_CFG register
--
--
ZD
ZS
YD
YS
XD
XS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com