Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DHTR Datasheet(PDF) 31 Page - STMicroelectronics

Part # LIS3DHTR
Description  ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHTR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LIS3DHTR Datasheet HTML 27Page - STMicroelectronics LIS3DHTR Datasheet HTML 28Page - STMicroelectronics LIS3DHTR Datasheet HTML 29Page - STMicroelectronics LIS3DHTR Datasheet HTML 30Page - STMicroelectronics LIS3DHTR Datasheet HTML 31Page - STMicroelectronics LIS3DHTR Datasheet HTML 32Page - STMicroelectronics LIS3DHTR Datasheet HTML 33Page - STMicroelectronics LIS3DHTR Datasheet HTML 34Page - STMicroelectronics LIS3DHTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
LIS3DH
Registers description
Doc ID 17530 Rev 1
31/42
8.10
CTRL_REG3 (22h)
8.11
CTRL_REG4 (23h)
Table 29.
High pass filter mode configuration
HPM1
HPM0
High pass filter mode
0
0
Normal mode (reset reading HP_RESET_FILTER)
0
1
Reference signal for filtering
1
0
Normal mode
1
1
Autoreset on interrupt event
Table 30.
CTRL_REG3 register
I1_CLICK
I1_AOI1
I1_AOI2
I1_DRDY1
I1_DRDY2
I1_WTM
I1_OVERRUN
--
Table 31.
CTRL_REG3 description
I1_CLICK
CLICK interrupt on INT1. Default value 0.
(0: Disable; 1: Enable)
I1_AOI1
AOI1 interrupt on INT1. Default value 0.
(0: Disable; 1: Enable)
I1_AOI2
AOI2 interrupt on INT1. Default value 0.
(0: Disable; 1: Enable)
I1_DRDY1
DRDY1 interrupt on INT1. Default value 0.
(0: Disable; 1: Enable)
I1_DRDY2
DRDY2 interrupt on INT1. Default value 0.
(0: Disable; 1: Enable)
I1_WTM
FIFO Watermark interrupt on INT1. Default value 0.
(0: Disable; 1: Enable)
I1_OVERRUN
FIFO Overrun interrupt on INT1. Default value 0.
(0: Disable; 1: Enable)
Table 32.
CTRL_REG4 register
BDU
BLE
FS1
FS0
HR
ST1
ST0
SIM
Table 33.
CTRL_REG4 description
BDU
Block data update. Default value: 0
(0: continuos update; 1: output registers not updated until MSB and LSB
reading)
BLE
Big/little endian data selection. Default value 0.
(0: Data LSB @ lower address; 1: Data MSB @ lower address)
FS1-FS0
Full scale selection. default value: 00
(00: +/- 2G; 01: +/- 4G; 10: +/- 8G; 11: +/- 16G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com