Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DHTR Datasheet(PDF) 38 Page - STMicroelectronics

Part # LIS3DHTR
Description  ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHTR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LIS3DHTR Datasheet HTML 34Page - STMicroelectronics LIS3DHTR Datasheet HTML 35Page - STMicroelectronics LIS3DHTR Datasheet HTML 36Page - STMicroelectronics LIS3DHTR Datasheet HTML 37Page - STMicroelectronics LIS3DHTR Datasheet HTML 38Page - STMicroelectronics LIS3DHTR Datasheet HTML 39Page - STMicroelectronics LIS3DHTR Datasheet HTML 40Page - STMicroelectronics LIS3DHTR Datasheet HTML 41Page - STMicroelectronics LIS3DHTR Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Registers description
LIS3DH
38/42
Doc ID 17530 Rev 1
8.27
CLICK_THS (3Ah)
8.28
TIME_LIMIT (3Bh)
8.29
TIME_LATENCY (3Ch)
8.30
TIME WINDOW(3Dh)
Table 59.
CLICK_THS register
-
Ths6
Ths5
Ths4
Ths3
Ths2
Ths1
Ths0
Table 60.
CLICK_SRC description
Ths6-Ths0
CLICK-CLICK threshold. Default value: 000 0000
Table 61.
TIME_LIMIT register
-
TLI6
TLI5
TLI4
TLI3
TLI2
TLI1
TLI0
Table 62.
TIME_LIMIT description
TLI7-TLI0
CLICK-CLICK Time Limit. Default value: 000 0000
Table 63.
TIME_LATENCY register
TLA7
TLA6
TLA5
TLA4
TLA3
TLA2
TLA1
TLA0
Table 64.
TIME_LATENCY description
TLA7-TLA0
CLICK-CLICK time latency. Default value: 000 0000
Table 65.
TIME_WINDOW register
TW7TW6
TW5TW4
TW3TW2
TW1
TW0
Table 66.
TIME_WINDOW description
TW7-TW0
CLICK-CLICK time window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com