Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DHTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # LIS3DHTR
Description  ultra low-power high performance 3-axes ?쐍ano??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DHTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LIS3DHTR Datasheet HTML 28Page - STMicroelectronics LIS3DHTR Datasheet HTML 29Page - STMicroelectronics LIS3DHTR Datasheet HTML 30Page - STMicroelectronics LIS3DHTR Datasheet HTML 31Page - STMicroelectronics LIS3DHTR Datasheet HTML 32Page - STMicroelectronics LIS3DHTR Datasheet HTML 33Page - STMicroelectronics LIS3DHTR Datasheet HTML 34Page - STMicroelectronics LIS3DHTR Datasheet HTML 35Page - STMicroelectronics LIS3DHTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Registers description
LIS3DH
32/42
Doc ID 17530 Rev 1
8.12
CTRL_REG5 (24h)
8.13
CTRL_REG6 (25h)
8.14
REFERENCE/DATACAPTURE (26h)
HR
High resolution output mode: Default value: 0
(0: High resolution disable; 1: High resolution Enable)
ST1-ST0
Self test enable. Default value: 00
(00: Self test disabled; Other: See Table 34)
SIM
SPI serial interface mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface).
Table 34.
Self test mode configuration
ST1
ST0
Self test mode
0
0
Normal mode
01
Self test 0
10
Self test 1
11
--
Table 33.
CTRL_REG4 description (continued)
Table 35.
CTRL_REG5 register
BOOT
FIFO_EN
--
--
LIR_INT1
D4D_INT1
0
0
Table 36.
CTRL_REG5 description
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
FIFO_EN
FIFO enable. Default value: 0
(0: FIFO disable; 1: FIFO Enable)
LIR_INT1
Latch interrupt request on INT1_SRC register, with INT1_SRC register
cleared by reading INT1_SRC itself. Default value: 0.
(0: interrupt request not latched; 1: interrupt request latched)
D4D_INT1
4D enable: 4D detection is enabled on INT1 when 6D bit on INT1_CFG is set
to 1.
Table 37.
CTRL_REG6 register
I2_CLICKen
I2_INT1
0
BOOT_I1
0
- -
H_LACTIVE
-
Table 38.
REFERENCE register
Ref7
Ref6
Ref5
Ref4
Ref3
Ref2
Ref1
Ref0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com