Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5342 Datasheet(PDF) 18 Page - Integrated Device Technology

Part # ICS5342
Description  16-Bit Integrated Clock-LUT-DAC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS5342 Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button ICS5342 Datasheet HTML 14Page - Integrated Device Technology ICS5342 Datasheet HTML 15Page - Integrated Device Technology ICS5342 Datasheet HTML 16Page - Integrated Device Technology ICS5342 Datasheet HTML 17Page - Integrated Device Technology ICS5342 Datasheet HTML 18Page - Integrated Device Technology ICS5342 Datasheet HTML 19Page - Integrated Device Technology ICS5342 Datasheet HTML 20Page - Integrated Device Technology ICS5342 Datasheet HTML 21Page - Integrated Device Technology ICS5342 Datasheet HTML 22Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
ICS5342
GENDAC
18
N2 Post Divide Code
If mode 4 is set in the command register, CR7-CR4 bits equal
0001, and the N2 code must be 10.
The block diagram of the PLL clock synthesizer is shown in
figure 3.
Based on the M and N values, the output frequency of the
clocks is given by the following equation:
M and N values should be programmed such that the frequen-
cy of the VC0 is within the optimum range for duty cycle, jit-
ter and glitch free transition. Optimum duty cycle is achieved
by programming N2 for values greater than unity. See the next
section for a programming example.
Programming Example
Suppose an output frequency of 25.175 MHz is desired. The
reference crystal is 14.318 MHz. The VCO should be targeted
to run in the 60 to 270 MHz range, so choosing a post divide
of 4 gives a VCO frequency of:
From the table in the previous section, we find N2 = 2 Substi-
tuting FREF = 14.318 and 2
N2 = 4 into the clock frequency
equation in the previous section:
By trial and error:
M + 2 = 127
M = 125
N1 + 2 = 18
N1 = 16
so the registers are:
M = 125d = 1 1 1 1 1 0 1 b
N = 0 & N2 code & N1 = 0 & 1 0 & 1 0 0 0 0
N = 0 1 0 1 0 0 0 0 b
Additional Information on Programming
the Frequency Generator section of the
GENDAC
When programming the GENDAC PLL parameter registers,
there are many possible combinations of parameters which
will give the correct output frequency. Some combinations are
better than others, however. Here is a method to determine
how the registers need to be set:
The key guidelines come from the operation of the phase
locked loop, which has the following restrictions:
1.
This refers to the input refer-
ence frequency. Most users simply connect a 14.318
MHz crystal to the crystal inputs, so this is not a prob-
lem.
2.
This is the frequency input to
the phase detector.
3.
This is the VCO
frequency. In general, the VCO should run as fast as pos-
sible, because it has lower jitter at higher frequencies.
Also, running the VCO at multiples of the desired fre-
quency allows the use of output divides, which tends to
improve the duty cycle.
4.
This is the output fre-
quency.
These rules lead to the following procedure for determining
the PLL parameters, assuming rules 1 and 4 are satisfied.
A. Determine the value of N2 (either 1, 2, 4 or 8) by select-
ing the highest value of N2, which satisfies the condition
N2* fCLK < 270 Mhz.
B. Calculate:
C. Now (M+2) and (N1+2) must be found by trial and error.
With a 14.318 MHz reference frequency, there will gen-
erally be a small output frequency error due to the reso-
lution limit of (M+2) and (N1+2). For a given frequency
tolerance, several different (M+2) and (N1+2) combina-
tions can usually be found. Usually, a few minutes trying
N2 Post Divide Code
N2 Code
Divider
00
1
01
2
10
4
11
8
F
OUT
M
2
+
()F
REF
2N2 N12
+
()
---------------------------------
=
4
25.175
×
101.021 MHz
=
25.175
14.318
---------------- 4
〈〉
M
2
+
N12
+
-----------------
=
2 MHz
f
REF
25 MHz
<<
600KHz
f
REF
N12
+
-----------------
8MHz
≤≤
60MHz
M
2
+
N12
+
----------------- f
REF
〈〉 270 MHz
≤≤
f
CLK 0 and f CLK 1
35 MHz
≤
M
2
+
N 12
+
-----------------
2N2 f
OUT
f
REF
-----------------------
=
ICS5342
16-Bit Integrated Clock-LUT-DAC
TSD
IDT™ / ICS™ 16-Bit Integrated Clock-LUT-DAC
ICS5342
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com