Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5342 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS5342
Description  16-Bit Integrated Clock-LUT-DAC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS5342 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS5342 Datasheet HTML 2Page - Integrated Device Technology ICS5342 Datasheet HTML 3Page - Integrated Device Technology ICS5342 Datasheet HTML 4Page - Integrated Device Technology ICS5342 Datasheet HTML 5Page - Integrated Device Technology ICS5342 Datasheet HTML 6Page - Integrated Device Technology ICS5342 Datasheet HTML 7Page - Integrated Device Technology ICS5342 Datasheet HTML 8Page - Integrated Device Technology ICS5342 Datasheet HTML 9Page - Integrated Device Technology ICS5342 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
ICS5342
GENDAC
6
Note: Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sec-
tions of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect de-
vice reliability.
Electrical Characteristics
DC CHARACTERISTICS (note: J)
Parameter
Symbol
Min.
Max.
Units
Test Conditions
Positive supply voltage
VDD
4.75
5.25
V
Input logic “1” voltage
VIH
2.0
VDD+0.5
V
Input logic “0” voltage
VIL
– 0.5
0.8
V
Reference current
IREF
–7.0
–10
mA
Reference voltage
VREF
1.10
1.35
V
Digital input current
IIN
± 10
µAV
DD=max, VDD≥VIN≥GND
Off-state digital output current
IOZ
± 50
µAV
DD = max, VDD≥VIN≥GND
Average power supply current
IDD
250
mA
IO = max, Digital outputs
unloaded
DACs in power down mode
IDACOFF
50
mA
no palette access
Sense logic “1”
VOHS
2.4
V
IO= -0.4mA
Sense logic “0”
VOLS
0.4
V
IO = 0.4mA
Clock logic “1”
VOHC
2.4
V
IO = -12.0mA
Clock logic “0”
VOLC
0.4
V
IO = 12.0mA
Logic “1”
VOH
2.4
V
IO = -3.2mA, note K
Logic “0”
VOL
0.4
V
IO = 3.2mA, note K
XIN input clock rise time
XCLKr*
15
ns
TTL levels
XIN input clock fall time
XCLKf*
15
ns
TTL levels
Frequency change of CLK0 and
CLK1 over supply and tempera-
ture
FD
0.05
%
with respect to typical frequency
Power Supply Voltage........................................................7 V
Voltage on any other pin.............. GND – 0.5V to VDD + 0.5V
Temperature under bias ................................ – 40˚ C to 85˚ C
Storage Temperature................................... – 65˚ C to 150˚ C
DC Digital Output Current ......................................... 25 mA
Analog Output Current ................................................ 45 mA
Reference Current ...................................................... –15 mA
Power Dissipation ......................................................... 1.0 W
Absolute Maximum Ratings
ICS5342
16-Bit Integrated Clock-LUT-DAC
TSD
IDT™ / ICS™ 16-Bit Integrated Clock-LUT-DAC
ICS5342
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com