Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5342 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS5342
Description  16-Bit Integrated Clock-LUT-DAC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS5342 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS5342 Datasheet HTML 1Page - Integrated Device Technology ICS5342 Datasheet HTML 2Page - Integrated Device Technology ICS5342 Datasheet HTML 3Page - Integrated Device Technology ICS5342 Datasheet HTML 4Page - Integrated Device Technology ICS5342 Datasheet HTML 5Page - Integrated Device Technology ICS5342 Datasheet HTML 6Page - Integrated Device Technology ICS5342 Datasheet HTML 7Page - Integrated Device Technology ICS5342 Datasheet HTML 8Page - Integrated Device Technology ICS5342 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
ICS5342
GENDAC
4
Internal Registers
RS2
RS1
RS0
Register Name
Description (all registers can be written to and read from)
The GENDAC has a single pixel address register which can be
accessed through either register address 0,0,0 or 0,1,1 – reading
from either register gives the same result.
Writing a value to address 0,0,0:
– specifies an address within the color palette RAM
– initializes the Color Value register
Writing a value to address 0,1,1:
– specifies an address within the color palette RAM
– loads Color Value register with contents of location in
addressed RAM palette and then:
– increments Pixel Address register
0
1
1
Pixel Address
WRITE
Writing to this 8-bit register is done before writing one or more
color values to color palette RAM.
0
1
1
Pixel Address
READ
Writing to this 8-bit register is done before reading one or more
color values from color palette RAM.
0
0
1
Color Value
The 18-bit Color Value register acts as a buffer between the
microprocessor interface and the color palette. A value may be
read from or written to this register using a three-byte transfer
sequence. The color value is contained in the least significant 6
bits, D0-D5, of the byte read – the most significant 2 bits are set
to zero. The same 6 bits are used when writing a byte. When
reading or writing, data is transferred in the same order – red
byte first, then green, then blue. Each transfer between the Color
Value register and the color palette replaces the normal pixel
mapping operations of the GENDAC for a single pixel.
After writing three definitions to this register, its contents are
written to the location in the color palette RAM specified by the
Pixel Address register, before that register increments.
After reading three definitions from this register, the contents of
the location in the color palette RAM specified by the Pixel
Address registers are copied into the Color Value register, and
the Pixel Address register increments.
0
1
0
Pixel Mask
The 8-bit Pixel Mask register can be used to mask selected bits
of the Pixel Address value applied to the Pixel Address inputs
(P7-P0). A one in a position in the mask register leaves the corre-
sponding bit in the Pixel Address unaltered, while a zero sets
that bit to zero. The Pixel Mask register does not affect the Pixel
Address generated by the microprocessor interface when the pal-
ette RAM is being accessed.
1
0
0
PLL Address
WRITE
Writing to this 8-bit register is performed prior to writing one or
more PLL programming values to the PLL Parameter register.
1
1
1
PLL Address
READ
Writing to this 8-bit register is performed prior to reading one or
more PLL programming values from the PLL Parameter register.
ICS5342
16-Bit Integrated Clock-LUT-DAC
TSD
IDT™ / ICS™ 16-Bit Integrated Clock-LUT-DAC
ICS5342
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com