Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5342 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS5342
Description  16-Bit Integrated Clock-LUT-DAC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS5342 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS5342 Datasheet HTML 1Page - Integrated Device Technology ICS5342 Datasheet HTML 2Page - Integrated Device Technology ICS5342 Datasheet HTML 3Page - Integrated Device Technology ICS5342 Datasheet HTML 4Page - Integrated Device Technology ICS5342 Datasheet HTML 5Page - Integrated Device Technology ICS5342 Datasheet HTML 6Page - Integrated Device Technology ICS5342 Datasheet HTML 7Page - Integrated Device Technology ICS5342 Datasheet HTML 8Page - Integrated Device Technology ICS5342 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
ICS5342
GENDAC
2
Pin Configuration
Pin Configuration
Pin Description (68-pin PLCC)
Symbol
Pin #
Type
Description
D7 - D0
21-14
I/O
Systems data bus bidirectional data I/O lines – used by host microprocessor for
internal register read and write operations (using active low RD and WR respec-
tively) for six internal registers: Pixel Address, Color Value, Pixel Mask, PLL
Address, PLL Parameter, and Command
During the write cycle, the rising edge of WR latches the data into the selected
register (set by the status of the three RS pins).
The rising edge of RD determines the end of the read cycle.
The RD set logical high indicates that data I/O lines no longer contain infor-
mation from the selected register and will be tri-stated.
RD
5
Input
RAM/PLL read enable bus control signal – in active low state, any information
present on the internal data bus is available on the Data I/O lines, D0-D7
WR
22
Input
Active low RAM/PLL write enable bus control signal – controls write timing on
microprocessor interface inputs, D0-D7
RS2-RS0
63,24,23
Input
Register address select 0 inputs – control selection of one of six internal registers –
inputs are sampled on falling edge of active enable signal (RD or WR)
XIN
48
Input
Crystal input – connect to 14.318 MHz crystal
XOUT
49
Output
Crystal output – connect to 14.318 MHz crystal
MSW
25
Input
Mode switch – digital control for selecting primary and secondary pixel color
modes – low selects primary mode – connect to ground if not used
CGND
PCLK
P7
P6
P5
P4
P3
P2
P1
P0
XVDD
XGND
XOUT
XIN
VREF
N/C
DGND
5342_02
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
GENDAC II
ICS5342
D0
D1
D2
D3
D4
D5
CGND
CLK1
P14
P15
WR*
RS0
RS1
MSW
CGND
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
D7
D6
ICS5342 (68-pin PLCC)
ICS5342
16-Bit Integrated Clock-LUT-DAC
TSD
IDT™ / ICS™ 16-Bit Integrated Clock-LUT-DAC
ICS5342
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com