Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5342 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS5342
Description  16-Bit Integrated Clock-LUT-DAC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS5342 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS5342 Datasheet HTML 5Page - Integrated Device Technology ICS5342 Datasheet HTML 6Page - Integrated Device Technology ICS5342 Datasheet HTML 7Page - Integrated Device Technology ICS5342 Datasheet HTML 8Page - Integrated Device Technology ICS5342 Datasheet HTML 9Page - Integrated Device Technology ICS5342 Datasheet HTML 10Page - Integrated Device Technology ICS5342 Datasheet HTML 11Page - Integrated Device Technology ICS5342 Datasheet HTML 12Page - Integrated Device Technology ICS5342 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
ICS5342
GENDAC
9
* Characterized values only
XIN input clock fall
time
tXCLKF*
15
15
15
ns
TTL levels
AC Electrical Characteristics (note: J)
Parameter
Symbol
80 MHZ
110MHz
135Mhz
Units
Test
Conditions
Min
Max
Min
Max
Min
Max
Notes:
A. Full scale error is derived from design equation:
{[(F.S.IOUT)RL – 2.1(IREF)RL] / [2.1(IREF)RL]} 100%
VBLACK LEVEL= 0 V
F.S.IOUT = Actual full scale measured output
B. R= 37.5
Ω, I
REF = – 8.88 mA
C. ZI = 37.5 Ω + 30 pF, IREF = – 8.88 mA
D. This parameter is the allowed Pixel Clock frequency
variation. It does not permit the Pixel Clock period to
vary outside the minimum values for Pixel Clock
(tCHCH) period.
E.
The color palette’s pixel address is required to be a valid
logic level with the appropriate setup and hold times at
each rising edge of PCLK (this requirement includes the
blanking period).
F.
The output delay is measured from the 50% point of the
rising edge of CLOCK to the valid analog output. A
valid analog output is defined when the analog signal is
halfway between its successive values.
G. This applies to different analog outputs on the same
device.
H. Measured at
± 200 mV from steady state output voltage.
I.
This parameter allows synchronization between opera-
tions on the microprocessor interface and the pixel
stream being processed by the color palette.
J.
The following specifications apply for VDD = +5V±
0.5V, GND=0. Operating Temperature = 0˚C to 70˚C.
K. Except for SENSE pin.
AC Test Conditions
Input pulse levels...................................................VDD to 3V
Input rise and fall times (10% to 90%) ............................ 3 ns
Digital input timing reference level ............................... 1.5 V
Digital output timing reference level .............0.8 V and 2.4 V
Capacitance
C1 Digital input............................................................... 7 pF
C0 Digital output............................................................. 7 pF
C0A Analog output ........................................................ 10 pF
Clock Load
General Operation
The ICS5342 GENDAC is intended for use as the analog out-
put stage of raster scan video systems. It contains a high-
speed Random Access Memory of 256 x 18-bit words, three
6/8-bit high-speed DACs, a microprocessor/graphic control-
ler interface, a pixel word mask, on-chip comparators, and
two user programmable frequency generators.
An externally generated BLANK* signal can be applied to
pin 7 of the ICS5342. This signal acts on all three of the ana-
log outputs. The BLANK* signal is delayed internally so that
it appears with the correct relationship to the pixel bit stream
at the analog outputs.
A pixel word mask is included to allow the incoming pixel
address to be masked. This permits rapid changes to the effec-
CLK
25 pF
1.4V
200
Ω
5342_03
ICS5342
16-Bit Integrated Clock-LUT-DAC
TSD
IDT™ / ICS™ 16-Bit Integrated Clock-LUT-DAC
ICS5342
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com