Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5342 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ICS5342
Description  16-Bit Integrated Clock-LUT-DAC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS5342 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ICS5342 Datasheet HTML 10Page - Integrated Device Technology ICS5342 Datasheet HTML 11Page - Integrated Device Technology ICS5342 Datasheet HTML 12Page - Integrated Device Technology ICS5342 Datasheet HTML 13Page - Integrated Device Technology ICS5342 Datasheet HTML 14Page - Integrated Device Technology ICS5342 Datasheet HTML 15Page - Integrated Device Technology ICS5342 Datasheet HTML 16Page - Integrated Device Technology ICS5342 Datasheet HTML 17Page - Integrated Device Technology ICS5342 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
ICS5342
GENDAC
14
Functional Description
This section describes the register address and bit definition
for the RAMDAC and the Frequency Synthesizer sections.
Color Palette
Command Register
(RS0-RS2 = 011)
(RS0-RS1 = 01 with hidden flag)
By setting bits 4 and 7-5 in the command register the
ICS5342 can be programmed for different color modes and
the DACs can be turned off for low power operation.
Bit 7-4
Color Mode Select - These three bits select the
Color Mode of RAMDAC operation as shown in
the following table “Color Mode Select” (default
is 0 at power up).
Bit 3-2
(Reserved) Set to ‘0’ for future compatibility.
Bit 1
Test Mode - When bit 1 is set checksum accumu-
lation is enabled. If bit 0 is also set the oscillator
and synthesizers are turned off for minimum
noise.
Bit 0
Power Down Mode of RAMDAC - When this bit
is set to 0 (default is 0), the device operates nor-
mally. If this bit is set to 1, the power and clock
to the Color Palette RAM and DACs are turned
off. The data in the Color Palette RAM are still
preserved. The CPU can access without loss of
data by internal automatic clock start/stop con-
trol. The DAC outputs become the same as
BLANK* (sync) level output during power down
mode. This bit does not affect the PLL clock syn-
thesizer function unless test mode is enabled.
Command Registers
7654
3
2
1
0
2103
Reserved = 0
Test mode
Snooze
Color Mode Select
8-BIT INTERFACE
Mode
Number
CM3
(CR4)
CM2
(CR7)
CM1
(CR6)
CM0
(CR5)
Color Mode
Clock Cycles/
Pixel Bits
0
0000
8-bit Pseudo Color With Palette (default)
1
1
0001
15-bit Direct Color With Bypass (Hi-Color)
2
3
0010
24-Bit True Color With Bypass (True Color)
3
2
0011
16-bit Direct Color With Bypass (XGA)
2
1
0100
15-bit Direct Color With Bypass (hi-color)
2
1
0101
15-bit Direct Color With Bypass (Hi-Color)
2
2
0110
15-bit Direct Color With Bypass (Hi-Color)
2
3
0111
24-bit True Color With Bypass (True Color)
3
16-BIT INTERFACE
Mode
Number
CM3
(CR4)
CM2
(CR7)
CM1
(CR6)
CM0
(CR5)
Color Mode
Clock Cycles/
Pixel Bits
4
1000
Multiplexed 16-bit Pseudo Color With Palette
1/2
5
1001
15-bit Direct Color With Bypass (Hi-Color)
1
6
1010
16-bit Direct Color With Bypass (XGA
1
7
1011
24-bit True Color With Bypass (True Color)
2
8
1100
24-bit Packed True Color With Bypass
(true-color)
3/2
1101
Reserved
1110
Reserved
1111
Reserved
ICS5342
16-Bit Integrated Clock-LUT-DAC
TSD
IDT™ / ICS™ 16-Bit Integrated Clock-LUT-DAC
ICS5342
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com