Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9024-CKB Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS9024-CKB
Description  Automatic Cable Equalizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024-CKB Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS9024-CKB Datasheet HTML 2Page - Gennum Corporation GS9024-CKB Datasheet HTML 3Page - Gennum Corporation GS9024-CKB Datasheet HTML 4Page - Gennum Corporation GS9024-CKB Datasheet HTML 5Page - Gennum Corporation GS9024-CKB Datasheet HTML 6Page - Gennum Corporation GS9024-CKB Datasheet HTML 7Page - Gennum Corporation GS9024-CKB Datasheet HTML 8Page - Gennum Corporation GS9024-CKB Datasheet HTML 9Page - Gennum Corporation GS9024-CKB Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
GS9024 Data Sheet
521-70-10
February 2005
6 of 16
3. Pin Connections
AGC-
VEE
VCC
SDI
SDI
HIGH Z
SDO
VEE
VCC
SDO
CD_ADJ
OEM
AGC+
SSI/CD
GS9024
TOP VIEW
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Table 3-1: Pin Descriptions
Number
Symbol
Type
Description
1, 14
AGC-, AGC+
I
External AGC capacitor.
4, 5
SDI/SDI
I
Differential serial digital data inputs.
8
OEM
O
Output ‘Eye’ monitor. OEM is a single ended current mode output and
requires an external 50
Ω pullup resistor.
9
CD_ADJ
I
Carrier detect threshold adjust.
10, 11
SDO/SDO
O
Equalized serial digital data outputs.
12
SSI/CD
O
Signal strength indicator/Carrier Detect.
13
HIGH Z
I
The SDO/SDO outputs are High Z when this pin is HIGH. If High Z
functionality is not used, this input can be left floating or tied LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com