Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9024-CKB Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS9024-CKB
Description  Automatic Cable Equalizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024-CKB Datasheet(HTML) 4 Page - Gennum Corporation

  GS9024-CKB Datasheet HTML 1Page - Gennum Corporation GS9024-CKB Datasheet HTML 2Page - Gennum Corporation GS9024-CKB Datasheet HTML 3Page - Gennum Corporation GS9024-CKB Datasheet HTML 4Page - Gennum Corporation GS9024-CKB Datasheet HTML 5Page - Gennum Corporation GS9024-CKB Datasheet HTML 6Page - Gennum Corporation GS9024-CKB Datasheet HTML 7Page - Gennum Corporation GS9024-CKB Datasheet HTML 8Page - Gennum Corporation GS9024-CKB Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
GS9024 Data Sheet
521-70-10
February 2005
4 of 16
1.2 AC Electrical Characteristics
Table 1-3: AC Electrical Characteristics
VCC = 5V, VEE = 0V, TA = 0°C TO 70°C unless otherwise shown.
Parameter
Symb
ol
Conditions
Min
Typ1
Max
Units
Notes
Test Level
Data Rate
143
–
540
Mb/s
1
Output Signal Swing
VSDO
RL = 75Ω
700
850
1000
mV
1
Additive Jitter
tJ
270Mb/s, 300m
–
275
–
ps p-p
see Fig 5
5
540Mb/s, 100m
–
200
–
ps p-p
see Fig 5
5
Output Rise and Fall
Times (20-80%)
tr, tf
–
0.5
0.65
–
ns
3
Output Duty Cycle
Distortion
––
–
30
–
ps
2
Input Resistance
RIN
SDI, SDI
–10
–
k
Ω
2
Input Capacitance
CIN
SDI, SDI
–1.0
–
pF
2
Carrier Detect
Response Time
tCDON
Carrier Applied RL = ∞,
CL ≤ 50pF on SSI/CD
–3
–
µs
2
tCDOFF
Carrier Removed RL = ∞,
CL ≤ 50pF on SSI/CD
–30
–
µs
2
High Z Response Time
trHIGHZ
––
17
–
ns
2
Input Return Loss
at 270MHz
15
20
–
dB
see Fig 8
3
Maximum Equalizer
Gain
AEQ
at 200MHz
–
40
–
dB
see Fig 4
3, 5
TEST LEVELS
1. 100% tested at 25°C.
2. Guaranteed by design.
3. Inferred or co-related value.
4. Evaluated using test setup Figure 2-1.
5. Evaluated using test setup Figure 2-2.
NOTES
1. Typical values are parametric norms at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com