Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9024-CKB Datasheet(PDF) 15 Page - Gennum Corporation

Part # GS9024-CKB
Description  Automatic Cable Equalizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024-CKB Datasheet(HTML) 15 Page - Gennum Corporation

Back Button GS9024-CKB Datasheet HTML 8Page - Gennum Corporation GS9024-CKB Datasheet HTML 9Page - Gennum Corporation GS9024-CKB Datasheet HTML 10Page - Gennum Corporation GS9024-CKB Datasheet HTML 11Page - Gennum Corporation GS9024-CKB Datasheet HTML 12Page - Gennum Corporation GS9024-CKB Datasheet HTML 13Page - Gennum Corporation GS9024-CKB Datasheet HTML 14Page - Gennum Corporation GS9024-CKB Datasheet HTML 15Page - Gennum Corporation GS9024-CKB Datasheet HTML 16Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
GS9024 Data Sheet
521-70-10
February 2005
15 of 16
8. Package Dimensions
All dimensions in millimeters.
9. Ordering Information
0.49
MAX
4.0
MAX
6.20
MAX
1
7
8
14
7.62 ±0.05
6 spaces@ 1.27±0.05
0.25
MAX
1.91
MAX
1.27
MAX
0.25
MAX
8.75 MAX
O.56 MAX
=
=
=
=
=
=
Part Number
Package
Temperature
Pb-Free and Green
GS9024-CKB
14 pin SOIC
0°C to 70°C
No
GS9024-CTB
14 pin SOIC Tape
0°C to 70°C
No
GS9024-CKBE3
14 pin SOIC
0°C to 70°C
Yes
GS9024-CTBE3
14 pin SOIC Tape
0°C to 70°C
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com