Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9024-CKB Datasheet(PDF) 14 Page - Gennum Corporation

Part # GS9024-CKB
Description  Automatic Cable Equalizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024-CKB Datasheet(HTML) 14 Page - Gennum Corporation

Back Button GS9024-CKB Datasheet HTML 8Page - Gennum Corporation GS9024-CKB Datasheet HTML 9Page - Gennum Corporation GS9024-CKB Datasheet HTML 10Page - Gennum Corporation GS9024-CKB Datasheet HTML 11Page - Gennum Corporation GS9024-CKB Datasheet HTML 12Page - Gennum Corporation GS9024-CKB Datasheet HTML 13Page - Gennum Corporation GS9024-CKB Datasheet HTML 14Page - Gennum Corporation GS9024-CKB Datasheet HTML 15Page - Gennum Corporation GS9024-CKB Datasheet HTML 16Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
GS9024 Data Sheet
521-70-10
February 2005
14 of 16
6. Applications Information
The Typical Application Circuit shown on page 14 is useful for both SMPTE and
DVB-ASI signals. The two AGC capacitors shown however increase the AGC time
constant from the original times shown in earlier SMPTE-only application circuits.
In this case a minimum off-time of 50ms is needed when break-before-make
switching is used at the input in order for the AGC voltage to recover.
7. Typical Application Circuit
HIGH Z
SDO
SDO
CD_ADJ
OEM
AGC+
SSI/CD
AGC-
VEE
VCC
SDI
SDI
VEE
VCC
VCC
VCC
VCC
VCC
DATA OUT
DATA OUT
1
2
3
4
5
6
7
VCC
1n
10n
10n
50
75
37.5
75
75
75
75
100k
POT
(optional)
100n
SDI INPUT
30 - 622Mb/s
EYE MONITOR
OUTPUT
14
13
12
11
10
9
8
GS9024
All resistors in ohms,
all capacitors in farads,
unless otherwise shown.
100n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com