Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9024-CKB Datasheet(PDF) 12 Page - Gennum Corporation

Part # GS9024-CKB
Description  Automatic Cable Equalizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024-CKB Datasheet(HTML) 12 Page - Gennum Corporation

Back Button GS9024-CKB Datasheet HTML 8Page - Gennum Corporation GS9024-CKB Datasheet HTML 9Page - Gennum Corporation GS9024-CKB Datasheet HTML 10Page - Gennum Corporation GS9024-CKB Datasheet HTML 11Page - Gennum Corporation GS9024-CKB Datasheet HTML 12Page - Gennum Corporation GS9024-CKB Datasheet HTML 13Page - Gennum Corporation GS9024-CKB Datasheet HTML 14Page - Gennum Corporation GS9024-CKB Datasheet HTML 15Page - Gennum Corporation GS9024-CKB Datasheet HTML 16Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
GS9024 Data Sheet
521-70-10
February 2005
12 of 16
When the signal strength decreases to the level set at the "Carrier Detect
Threshold Adjust" pin, the SSI/CD voltage goes to a logic "0" state (0.8V) and can
be used to drive other TTL/CMOS compatible logic inputs. In addition, when loss
of carrier is detected the SDO/SDO outputs are muted (set to a known static state).
5.3 Carrier Detect Threshold Adjust
The threshold level at which loss of carrier is detected is adjustable via external
resistors at the CD_ADJ pin. The control voltage at the CD_ADJ pin is set by a
simple resistor divider circuit. The threshold level is adjustable from 200m to 350m.
By default (no external resistors), the threshold is typically 320m. Connecting this
pin to Ground disables the SDO/SDO muting function and allows for maximum
possible cable length equalization.
This feature is designed for use in applications such as routers where signal
crosstalk and circuit noise cause the equalizer to output erroneous data when no
input signal is present. This problem is not solved by using a Carrier Detect function
with a fixed internal reference because the signal to noise ratio on the circuit board
may be significantly less than the default signal detection level set by the on- chip
reference. To solve this problem, the GS9024 provides a user adjustable threshold
to meet the unique conditions that exist in each user's application. Override and
internal default settings are provided to give the user total flexibility.
5.4 Output Eye Monitor
The GS9024 provides an 'Output Eye Monitor' (OEM) which allows the verification
of signal integrity after equalization, prior to reslicing. The OEM pin is an open
collector current output that requires an external 50
Ω pullup resistor. When the
pullup resistor is not used, the OEM block is disabled and the internal OEM circuit
is powered down. The OEM provides a 0.25Vp-p signal when driving a 5
0Ω
oscilloscope input.
0
1
2
3
4
5
50
100
150
200
250
300
350
400
450
500
CABLE LENGTH (m)
0
CD_ADJ
CONTROL RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com