Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9024-CKB Datasheet(PDF) 13 Page - Gennum Corporation

Part # GS9024-CKB
Description  Automatic Cable Equalizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024-CKB Datasheet(HTML) 13 Page - Gennum Corporation

Back Button GS9024-CKB Datasheet HTML 8Page - Gennum Corporation GS9024-CKB Datasheet HTML 9Page - Gennum Corporation GS9024-CKB Datasheet HTML 10Page - Gennum Corporation GS9024-CKB Datasheet HTML 11Page - Gennum Corporation GS9024-CKB Datasheet HTML 12Page - Gennum Corporation GS9024-CKB Datasheet HTML 13Page - Gennum Corporation GS9024-CKB Datasheet HTML 14Page - Gennum Corporation GS9024-CKB Datasheet HTML 15Page - Gennum Corporation GS9024-CKB Datasheet HTML 16Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
GS9024 Data Sheet
521-70-10
February 2005
13 of 16
5.5 I/O Description
5.5.1 High Speed Analog Inputs (SDI/SDI)
SDI/SDI are high impedance inputs which accept differential or single-ended input
drive.
Figure shows the recommended interface when a single-ended serial digital signal
is used.
5.5.2 High Speed Outputs (SDO/SDO)
SDO/SDO are current mode outputs that require external pullups (see Figure ).
The output signal swings are 800mV when 75
Ω resistors are used. A diode can be
placed between VCC and the pullups to shift the signal levels down by
approximately 0.7 volts. When the output traces are longer than 1 inch, controlled
impedance traces should be used. The pullup resistors should be placed at the end
of the output traces as they terminate the trace in its characteristic impedance
(75
Ω).
SDI
GS9024
SDI
75
Ω
37.5
Ω
75
Ω
10nF
10nF
75
Ω
SDO
SDO
GS9024
75
Ω
75
Ω
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com