Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

962-5DA0-032 Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # 962-5DA0-032
Description  Echotel짰 Model 961/962 Ultrasonic Level Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

962-5DA0-032 Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  962-5DA0-032 Datasheet HTML 1Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 2Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 3Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 4Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 5Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 6Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 7Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 8Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
E L E C T R O N I C S
S P E C I F I C A T I O N S
M O D E L
9 6 1 / 9 6 2
W I T H
R E L A Y
O U T P U T
Supply Voltage
18 to 32 VDC, or 102 to 265 VAC, 50/60 Hz
Relay Outputs
961:
One DPDT level relay and one SPDT malfunction relay
962:
Two SPDT level relays and one SPDT malfunction relay
Relay Ratings
DPDT:
5 amps @ 120 VAC, 250 VAC, and 30 VDC, 0.4 amp @ 110 VDC
SPDT:
5 amps @ 120 VAC, 250 VAC, and 30 VDC, 0.15 amp @ 125 VDC
Fail-safe
Selectable for high or low level
Power Consumption
961/962:
Less than 3 watts
Ambient Temperature
-40° to +160° F (-40° to +70° C)
M O D E L
9 6 1 / 9 6 2
W I T H
C U R R E N T
S H I F T
O U T P U T
Supply Voltage
11 to 35 VDC
Current Shift Output
961:
8 mA normal operation, 16 mA level alarm (±1 mA)
962:
8 mA normal operation, 12 mA lower gap alarm, 16 mA upper gap alarm (±1 mA)
961/962:
3.6 mA or 22 mA selectable fault signal (±1 mA)
Loop Resistance
104 ohms with 11 VDC input, 1100 ohms with 35 VDC input
Fail-safe
Selectable for high or low level
Power Consumption
961/962
Less than 1 watt
Ambient Temperature
-40° to +160° F (-40° to +70° C)
5
T R A N S D U C E R
S P E C I F I C A T I O N S
M O D E L
9 A 1 / 9 M 1
S I N G L E
P O I N T
Transducer Material
Material Code (page 10)
Operating Temperature Range
Maximum Pressure
Actuation Length
316 Stainless Steel
A*, S, N, K
-40° to +325° F (-40° to +163° C)
2000 psi (138 bar)
1" and 2"
(3 and 5 cm)
316 Stainless Steel
A*, S, N, K
-40° to +325° F (-40° to +163° C)
1500 psi (103 bar)
3" to 130" (6 to 330 cm)
Hastelloy C-276
B
-40° to +325° F (-40° to +163° C)
2000 psi (138 bar)
1" and 2"
(3 and 5 cm)
Hastelloy C-276
B
-40° to +325° F (-40° to +163° C)
1500 psi (103 bar)
3" to 130" (6 to 330 cm)
Monel
C
-40° to +325° F (-40° to +163° C)
1200 psi (83 bar)
1" to 130" (3 to 330 cm)
Kynar
R
-40° to +250° F (-40° to +121° C)
see graph below
2" to 130" (5 to 330 cm)
CPVC
P
-40° to +180° F (-40° to +82° C)
see graph below
1" to 130" (3 to 330 cm)
Transducer Material
Material Code (see page 10)
Operating Temperature Range
Maximum Pressure
Actuation Length
316 Stainless Steel
A, K
-40° to +325° F (-40° to +163° C)
1500 psi (103 bar)
5" to 130" (13 to 330 cm)
CPVC
P
-40° to +180° F (-40° to +82° C)
see graph below
5" to 130" (13 to 330 cm)
300
250
200
150
100
50
-40
0
60
120 180 240
0
Temperature (°F)
30
25
20
15
10
5
-40
0
40
80
120
0
Temperature (°C)
Range with PN16 flange
Range with 150# flange
Range with
" NPT
300
250
200
150
100
50
-40
0
40
80
120 160 200
0
Temperature (°F)
30
25
20
15
10
5
-40
0
40
80
120
0
Temperature (°C)
Kynar Transducer Ratings
CPVC Transducer Ratings
* Material Code “A” has a Cryogenic Trandsucer Option for -110° to +250° F (-80° to +120° C) operating temperature range
M O D E L
9 A 2 / 9 M 2
D U A L
P O I N T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com